| Moteur de recherche de fiches techniques de composants électroniques |
|
B7AH-R6D58 Fiches technique(PDF) 102 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
B7AH-R6D58 Fiches technique(HTML) 102 Page - Omron Electronics LLC |
|
102 / 121 page ![]() B7A B7A 100 PLC output PLC input B7A output B7A input C200H-OD212 B7A-T6A j Note: The B7A-T6B j can be connected in the same method. Transmission path 24 VDC 24 VDC B7A-R6A5 j 3G2A5-ID218 Transmission path 12 to 24 VDC 3G2A5-OC221 B7A-T6D j Transmission path 24 VDC R=18 k Ω (1/10W min.) B7A-R6A5 j C200H-ID215 24 VDC Transmission path C200H-OD215 B7A-T6D j Transmission path R=4.7 k Ω (1/2W min.) 12 to 24 VDC |