| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSV16X Fiches technique(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV16X Fiches technique(HTML) 120 Page - STMicroelectronics |
|
120 / 196 page ![]() Name Type Register address Default Comment Hex Binary FSM_OUTS7 R 52 01010010 output FSM_OUTS8 R 53 01010011 output RESERVED - 54- 5D SFLP_ODR R/W 5E 01011110 01011011 FSM_ODR R/W 5F 01011111 01001011 MLC_ODR R/W 60 01100000 00010101 STEP_COUNTER_L R 62 01100010 output STEP_COUNTER_H R 63 01100011 output EMB_FUNC_SRC R/W 64 01100100 output EMB_FUNC_INIT_A R/W 66 01100110 00000000 EMB_FUNC_INIT_B R/W 67 01100111 00000000 MLC1_SRC R 70 01110000 output MLC2_SRC R 71 01110001 output MLC3_SRC R 72 01110010 output MLC4_SRC R 73 01110011 output Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device. The content of the registers that are loaded at boot should not be changed. They contain the factory calibration values. Their content is automatically restored when the device is powered up. LSM6DSV16X Embedded functions register mapping DS13510 - Rev 1 page 120/196 |