| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSRX Fiches technique(PDF) 170 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSRX Fiches technique(HTML) 170 Page - STMicroelectronics |
|
170 / 171 page ![]() List of figures Figure 1. Generic state machine............................................................... 5 Figure 2. State machine in the LSM6DSRX ....................................................... 5 Figure 3. Machine Learning Core in the LSM6DSRX................................................. 6 Figure 4. Pin connections ................................................................... 7 Figure 5. LSM6DSRX connection modes......................................................... 8 Figure 6. SPI slave timing diagram (in mode 3) ................................................... 13 Figure 7. I²C slave timing diagram ............................................................ 14 Figure 8. Read and write protocol (in mode 3) .................................................... 20 Figure 9. SPI read protocol (in mode 3) ......................................................... 21 Figure 10. Multiple byte SPI read protocol (2-byte example) (in mode 3) ................................... 21 Figure 11. SPI write protocol (in mode 3)......................................................... 22 Figure 12. Multiple byte SPI write protocol (2-byte example) (in mode 3) ................................... 22 Figure 13. SPI read protocol in 3-wire mode (in mode 3) .............................................. 23 Figure 14. I²C and I3C both active (INT1 pin not connected) ........................................... 26 Figure 15. Only I3C active (INT1 pin connected to Vdd_IO) ............................................ 26 Figure 16. Block diagram of filters ............................................................. 28 Figure 17. Accelerometer UI chain ............................................................. 29 Figure 18. Accelerometer composite filter ........................................................ 29 Figure 19. Accelerometer chain with Mode 4 enabled ................................................ 30 Figure 20. Gyroscope digital chain - Mode 1 (UI/EIS) and Mode 2 ....................................... 30 Figure 21. Gyroscope digital chain - Mode 3 / Mode 4 (OIS/EIS) ........................................ 31 Figure 22. Auxiliary SPI full control (a) and enabling primary interface (b) .................................. 32 Figure 23. LSM6DSRX electrical connections in Mode 1 .............................................. 36 Figure 24. LSM6DSRX electrical connections in Mode 2 .............................................. 37 Figure 25. LSM6DSRX electrical connections in Mode 3 and Mode 4 (auxiliary 3/4-wire SPI) ..................... 38 Figure 26. Accelerometer block diagram ......................................................... 60 Figure 27. LGA-14L 2.5 x 3.0 x 0.86 mm package outline and mechanical data ............................. 150 Figure 28. Carrier tape information for LGA-14 package ............................................. 151 Figure 29. LGA-14 package orientation in carrier tape............................................... 151 Figure 30. Reel information for carrier tape of LGA-14 package ........................................ 152 LSM6DSRX List of figures DS13007 - Rev 3 page 170/171 |