Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DSO32 Fiches technique(PDF) 149 Page - STMicroelectronics

No de pièce LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Fiches technique(HTML) 149 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 145Page - STMicroelectronics LSM6DSO32 Datasheet HTML 146Page - STMicroelectronics LSM6DSO32 Datasheet HTML 147Page - STMicroelectronics LSM6DSO32 Datasheet HTML 148Page - STMicroelectronics LSM6DSO32 Datasheet HTML 149Page - STMicroelectronics LSM6DSO32 Datasheet HTML 150Page - STMicroelectronics LSM6DSO32 Datasheet HTML 151Page - STMicroelectronics LSM6DSO32 Datasheet HTML 152Page - STMicroelectronics LSM6DSO32 Datasheet HTML 153Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 149 / 153 page
background image
DocID032891 Rev 1
149/153
LSM6DSO32
Package information
153
17
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
17.1
LGA-14L package information
Figure 22. LGA-14L 2.5x3x0.86 mm package outline and mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More