Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQA9N90C-F109 Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce FQA9N90C-F109
Description  N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQA9N90C-F109 Fiches technique(HTML) 8 Page - ON Semiconductor

  FQA9N90C-F109 Datasheet HTML 1Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 2Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 3Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 4Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 5Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 6Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 7Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 8Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.onsemi.com
7
Mechanical Dimensions
Figure 16. TO3PN, 3-Lead, Plastic, EIAJ SC-65
Package drawings are provided as a service to customers considering
ON Semiconductor components. Drawings may change in
any manner without notice. Please note the revision and/or date on the drawing and contact a
ON Semiconductor representative to
verify or obtain the most recent revision. Package specifications do not expand the terms of
ON Semiconductor’s worldwide terms and
conditions, specif-ically the warranty therein, which covers
ON Semiconductor products.


Numéro de pièce similaire - FQA9N90C-F109

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
798Kb / 9P
900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
804Kb / 8P
900V N-Channel MOSFET
logo
Thinki Semiconductor Co...
FQA9N90C THINKISEMI-FQA9N90C Datasheet
2Mb / 7P
ThinkiSemi 9.0A,900V Planar N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
FQA9N90C ISC-FQA9N90C Datasheet
342Kb / 2P
isc N-Channel MOSFET Transistor
More results

Description similaire - FQA9N90C-F109

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FQA9N90-F109 ONSEMI-FQA9N90-F109 Datasheet
1Mb / 9P
N-Channel QFET® MOSFET 900 V, 8.6 A, 1.3 Ω
September-2017, Rev. 3
logo
Fairchild Semiconductor
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQP2N60C FAIRCHILD-FQP2N60C_V01 Datasheet
1Mb / 10P
N-Channel QFET® MOSFET 600 V, 2 A, 4.7 Ω
2003 Fairchild Semiconductor Corporation
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
N-Channel QFET MOSFET 200 V, 9 A, 280 m
logo
ON Semiconductor
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
logo
Fairchild Semiconductor
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com