Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQA9N90C-F109 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce FQA9N90C-F109
Description  N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQA9N90C-F109 Fiches technique(HTML) 5 Page - ON Semiconductor

  FQA9N90C-F109 Datasheet HTML 1Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 2Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 3Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 4Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 5Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 6Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 7Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 8Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.onsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
T
J, Junction Temperature [
oC]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
V
DS, Drain-Source Voltage [V]
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS = 0 V
2. I
D = 250 µA
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 4.5 A
T
J, Junction Temperature [
oC]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10
µs
DC
10 ms
1 ms
100
µs
Operationin This Area
is Limitedby R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
25
50
75
100
125
150
0
2
4
6
8
10
T
C, Case Temperature [℃]
10
5
-
10
4
-
10
-3
10
2
-
10
-1
10
0
10
1
10
-2
10
-1
10
0
No te s :
1 . Z
(t) = 0 .45 ℃ /W M a x .
2 . D
θ
u
JC
ty F a c to r, D = t
1/t2
3 . T
JM - T C = P DM * Z θ JC (t)
s inglee pu s e
D= 0 .5
0.02
0.2
0.05
0.1
0.01
t
1 , S q ua r e W av e P u l s e D ur at i on [ s ec ]
t1
PDM
t2


Numéro de pièce similaire - FQA9N90C-F109

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
798Kb / 9P
900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
804Kb / 8P
900V N-Channel MOSFET
logo
Thinki Semiconductor Co...
FQA9N90C THINKISEMI-FQA9N90C Datasheet
2Mb / 7P
ThinkiSemi 9.0A,900V Planar N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
FQA9N90C ISC-FQA9N90C Datasheet
342Kb / 2P
isc N-Channel MOSFET Transistor
More results

Description similaire - FQA9N90C-F109

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FQA9N90-F109 ONSEMI-FQA9N90-F109 Datasheet
1Mb / 9P
N-Channel QFET® MOSFET 900 V, 8.6 A, 1.3 Ω
September-2017, Rev. 3
logo
Fairchild Semiconductor
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQP2N60C FAIRCHILD-FQP2N60C_V01 Datasheet
1Mb / 10P
N-Channel QFET® MOSFET 600 V, 2 A, 4.7 Ω
2003 Fairchild Semiconductor Corporation
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
N-Channel QFET MOSFET 200 V, 9 A, 280 m
logo
ON Semiconductor
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
logo
Fairchild Semiconductor
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com