Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9945 Fiches technique(PDF) 144 Page - STMicroelectronics

No de pièce L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Fiches technique(HTML) 144 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 140Page - STMicroelectronics L9945 Datasheet HTML 141Page - STMicroelectronics L9945 Datasheet HTML 142Page - STMicroelectronics L9945 Datasheet HTML 143Page - STMicroelectronics L9945 Datasheet HTML 144Page - STMicroelectronics L9945 Datasheet HTML 145Page - STMicroelectronics L9945 Datasheet HTML 146Page - STMicroelectronics L9945 Datasheet HTML 147Page - STMicroelectronics L9945 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 151 page
background image
Revision history
Table 53. Document revision history
Date
Revision
Changes
01-Sep-2017
1
Initial release.
17-Jan-2018
2
Updated:
Figure 4;
Fixed typos in RESPONSE 5, RESPONSE 11 and RESPONSE 12 registers;
Table 41;
Fixed typo in Section 6.4.1 ;
Description;
Replaced in the whole datasheet the term “Starter Relay” by “safety relevant load”;
Changed Figure 25;
Section 6.3.6 Temperature compensation for OC threshold;
Section 6.3.7 Battery compensation for OC threshold;
Figure 36;
Package information
21-May-2018
3
Added Note (1) to Table 17;
Updated Section 5.5.3 H-bridge dead time.
15-Nov-2018
4
Updated Table 5. Thermal behavior.
25-Jun-2019
5
Updated Table 42. Temperature compensation;
Updated Figure 32. TCF vs. Tj;
Minor text changes.
03-Sep-2019
6
Added Note to Table 19. Output response in case of DIR transition
26-Sep-2019
7
Removed watermark Restricted;
Minor text changes.
03-Dec-2019
8
Updated Features.
L9945
DS12275 - Rev 8
page 144/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More