Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPSB081C3 Fiches technique(PDF) 125 Page - STMicroelectronics

No de pièce SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Fiches technique(HTML) 125 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 121Page - STMicroelectronics SPSB081C3 Datasheet HTML 122Page - STMicroelectronics SPSB081C3 Datasheet HTML 123Page - STMicroelectronics SPSB081C3 Datasheet HTML 124Page - STMicroelectronics SPSB081C3 Datasheet HTML 125Page - STMicroelectronics SPSB081C3 Datasheet HTML 126Page - STMicroelectronics SPSB081C3 Datasheet HTML 127Page - STMicroelectronics SPSB081C3 Datasheet HTML 128Page - STMicroelectronics SPSB081C3 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 135 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
QFN32L 5x5 package information
Figure 41. QFN32L 5x5 Package outline
DM00434112_rev2
SPSB081
Package information
DS14048 - Rev 1
page 125/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More