Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPSB0813 Fiches technique(PDF) 126 Page - STMicroelectronics

No de pièce SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Fiches technique(HTML) 126 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 122Page - STMicroelectronics SPSB0813 Datasheet HTML 123Page - STMicroelectronics SPSB0813 Datasheet HTML 124Page - STMicroelectronics SPSB0813 Datasheet HTML 125Page - STMicroelectronics SPSB0813 Datasheet HTML 126Page - STMicroelectronics SPSB0813 Datasheet HTML 127Page - STMicroelectronics SPSB0813 Datasheet HTML 128Page - STMicroelectronics SPSB0813 Datasheet HTML 129Page - STMicroelectronics SPSB0813 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 135 page
background image
Table 129. QFN32L 5x5 mechanical data
Ref.
Dimension
Millimeters
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
-
0.05
A2
0.2 REF
A3
0.1
D
5.00 BSC
D2
3.40
3.50
3.60
E
5.00 BSC
E2
3.40
3.50
3.60
e1
0.5 BSC
k
0.20
-
-
L1
.
0.05
La
0.40
0.50
0.50
bA
0.20
0.25
0.30
h
0.19 REF
h1
0.19 REF
LB
0.45
0.5
0.55
bB
0.20
0.25
0.30
N
32
R1
-
0.1
Table 130. Tolerance of form and position
Symbol
Tolerance
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
SPSB081
QFN32L 5x5 package information
DS14048 - Rev 1
page 126/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More