| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6546 Fiches technique(PDF) 128 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6546 Fiches technique(HTML) 128 Page - Texas Instruments |
|
128 / 284 page ![]() over operating free-air temperature range (unless otherwise noted)(2) SUPPLY NAME DESCRIPTION MIN(1) NOM MAX(1) UNIT VDDA_PLL_CORE CORE DPLL, PER1 DPLL analog power supply 1.71 1.8 1.89 V Maximum peak-to-peak supply noise 50 mVPPmax VDDA_PLL0_DDR DDR DPLL analog power supply 1.71 1.8 1.89 V Maximum peak-to-peak supply noise 50 mVPPmax VDDA_PLL1_DDR DDR De-skew DPLL analog power supply 1.71 1.8 1.89 V Maximum peak-to-peak supply noise 50 mVPPmax VDDA_PLL_DSS DSS DPLL analog power supply 1.71 1.8 1.89 V Maximum peak-to-peak supply noise 50 mVPPmax VDDA_PLL_MPU0 MPU0 DPLL analog power supply 1.71 1.8 1.89 V Maximum peak-to-peak supply noise 50 mVPPmax VDDA_PLL_MPU1 MPU1 DPLL analog power supply 1.71 1.8 1.89 V Maximum peak-to-peak supply noise 50 mVPPmax VDDA_PLL_PER0 PER0 DPLL analog power supply 1.71 1.8 1.89 V Maximum peak-to-peak supply noise 50 mVPPmax VDDA_POR_WKUP WKUP POR/POK analog power supply 1.71 1.8 1.89 V VDDA_SRAM_CORE0 CORE SRAM LDOs analog power supply 1.71 1.8 1.89 V VDDA_SRAM_CORE1 CORE SRAM LDOs analog power supply 1.71 1.8 1.89 V VDDA_SRAM_MPU0 MPU SRAM LDOs analog power supply 1.71 1.8 1.89 V VDDA_SRAM_MPU1 MPU SRAM LDOs analog power supply 1.71 1.8 1.89 V VDDA_WKUP WKUP High/Low Frequency Oscillator (WKUP_LFOSC0 / WKUP_OSC0), SRAM LDO analog power supply 1.71 1.8 1.89 V VDDS_DDR(4) DDR IO domain power supply (DDR3L) 1.28 1.35 1.42 V DDR IO domain power supply (DDR4) 1.14 1.2 1.26 V DDR IO domain power supply (LPDDR4) 1.05 1.1 1.15 V VDDS_OSC1 MAIN High Frequency Oscillator (OSC1) analog power supply 1.71 1.8 1.89 V VDDS0 IO bias supply for VDDSHV0 1.71 1.8 1.89 V VDDS0_WKUP IO bias supply for VDDSHV0_WKUP 1.71 1.8 1.89 V VDDS1 IO bias supply for VDDSHV1 1.71 1.8 1.89 V VDDS1_WKUP IO bias supply for VDDSHV1_WKUP 1.71 1.8 1.89 V VDDS2 IO bias supply for VDDSHV2 1.71 1.8 1.89 V VDDS2_WKUP IO bias supply for VDDSHV2_WKUP 1.71 1.8 1.89 V VDDS3 IO bias supply for VDDSHV3 1.71 1.8 1.89 V VDDS4 IO bias supply for VDDSHV4 1.71 1.8 1.89 V VDDS5 IO bias supply for VDDSHV5 1.71 1.8 1.89 V VDDS6 IO bias supply for VDDSHV6 1.71 1.8 1.89 V VDDS7 IO bias supply for VDDSHV7 1.71 1.8 1.89 V VDDS8 IO bias supply for VDDSHV8 1.71 1.8 1.89 V VDDSHV0 Dual-voltage IO domain power supply 1.8-V operation 1.71 1.8 1.89 V 3.3-V operation 3.14 3.3 3.46 V VDDSHV0_WKUP Dual-voltage IO domain power supply 1.8-V operation 1.71 1.8 1.89 V 3.3-V operation 3.14 3.3 3.46 V VDDSHV1 Dual-voltage IO domain power supply 1.8-V operation 1.71 1.8 1.89 V 3.3-V operation 3.14 3.3 3.46 V VDDSHV1_WKUP Dual-voltage IO domain power supply 1.8-V operation 1.71 1.8 1.89 V 3.3-V operation 3.14 3.3 3.46 V AM6548, AM6528, AM6546, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 128 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6546 AM6526 |