Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6546 Fiches technique(PDF) 121 Page - Texas Instruments

No de pièce AM6546
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6546 Fiches technique(HTML) 121 Page - Texas Instruments

Back Button AM6546 Datasheet HTML 117Page - Texas Instruments AM6546 Datasheet HTML 118Page - Texas Instruments AM6546 Datasheet HTML 119Page - Texas Instruments AM6546 Datasheet HTML 120Page - Texas Instruments AM6546 Datasheet HTML 121Page - Texas Instruments AM6546 Datasheet HTML 122Page - Texas Instruments AM6546 Datasheet HTML 123Page - Texas Instruments AM6546 Datasheet HTML 124Page - Texas Instruments AM6546 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 284 page
background image
6.5 Connections for Unused Pins
This section describes the Unused/Reserved balls connection requirements.
Note
All power balls must be supplied with the voltages specified in Section 7.4, Recommended Operating
Conditions, unless otherwise specified in Section 6.3, Signal Descriptions.
Table 6-77. Unused Balls Specific Connection Requirements
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
C22
OSC1_XI
Each of these balls must be connected to VSS through a separate
external pull resistor to ensure these balls are held to a valid logic low
level if unused.
AE4
WKUP_LFOSC0_XI
AA3
TRSTn
K2
MCU_ADC0_REFN
K3
MCU_ADC0_REFP
V5
MCU_BYP_POR
H2
MCU_ADC1_REFP
H3
MCU_ADC1_REFN
K5
MCU_ADC0_AIN0
J3
MCU_ADC0_AIN1
J1
MCU_ADC0_AIN2
J5
MCU_ADC0_AIN3
K4
MCU_ADC0_AIN4
J4
MCU_ADC0_AIN5
J2
MCU_ADC0_AIN6
J6
MCU_ADC0_AIN7
F4
MCU_ADC1_AIN0
G6
MCU_ADC1_AIN1
G4
MCU_ADC1_AIN2
H5
MCU_ADC1_AIN3
F5
MCU_ADC1_AIN4
G5
MCU_ADC1_AIN5
G3
MCU_ADC1_AIN6
H4
MCU_ADC1_AIN7
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
121
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More