Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2430-RTR1-F64 Fiches technique(PDF) 105 Page - Texas Instruments

No de pièce CC2430-RTR1-F64
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64 Fiches technique(HTML) 105 Page - Texas Instruments

Back Button CC2430-RTR1-F64 Datasheet HTML 101Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 102Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 103Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 104Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 105Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 106Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 107Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 108Page - Texas Instruments CC2430-RTR1-F64 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 105 of 232
interrupts, the corresponding interrupt flag
must be cleared by software before a new
interrupt request is generated. Also, enabling
an interrupt mask bit will generate a new
interrupt request if the corresponding interrupt
flag is set.
13.3.11 Timer 1 DMA Triggers
There are three DMA triggers associated with
Timer 1. These are DMA triggers T1_CH0,
T1_CH1 and T1_CH2 which are generated on
timer compare events as follows:
•
T1_CH0 – channel 0 compare
•
T1_CH1 – channel 1 compare
•
T1_CH2 – channel 2 compare
13.3.12 Timer 1 Registers
This section describes the Timer 1 registers
which consist of the following registers:
•
T1CNTH – Timer 1 Count High
•
T1CNTL – Timer 1 Count Low
•
T1CTL – Timer 1 Control and Status
•
T1CCTLx – Timer 1 Channel x
Capture/Compare Control
•
T1CCxH – Timer 1 Channel x
Capture/Compare Value High
•
T1CCxL – Timer 1 Channel x
Capture/Compare Value Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More