Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D10-59050-030-1 Fiches technique(PDF) 1 Page - Littelfuse

No de pièce D10-59050-030-1
Description  UPDATE DRAWING FORMAT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D10-59050-030-1 Fiches technique(HTML) 1 Page - Littelfuse

  D10-59050-030-1 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHEET
DESCRIPTION OF REVISION:
1 of 1
SYSTEM NO.
PROPRIETARY NOTE: THE INFORMATION ON THIS DRAWING IS THE CONFIDENTIAL PROPERTY OF HAMLIN. THIS DRAWING MUST
NOT BE MADE PUBLIC OR COPIED UNLESS AUTHORIZED IN WRITING BY HAMLIN. THIS DRAWING IS SUBJECT TO RETURN UPON DEMAND.
DRAWING NO.
ORIGINAL DCR NO.
DATE:
DATE:
DRAWN BY:
APP'D BY:
DCR NO.
REV.
DATE:
DATE:
APP'D BY:
DRAWN BY:
1544
DB
DB
12/30/88
1/18/89
L1168
AN
KCL
CRJ
23-Jan-06
18-Jan-06
ELECTRICAL
PHYSICAL
IDENTIFICATION
UPDATE DRAWING FORMAT
Dimensions are in Inches [mm]
Tolerances unless otherwise noted:
.X: ±.015, .XX: ±.010, .XXX: ±.005, Angular: ±1/2°
* Denotes Critical Dimensions
36543
SENSOR
D10-59050-030-1
Form C
5 W Max.
175 V DC Max.
200 V DC Min.
.25 A DC Max.
1.5 A DC Max.
.250 Ohm Max.
Contact Type:
Contact Rating:
Voltage, Switching:
Voltage, Breakdown:
Current, Switching:
Current, Carry:
Contact Resistance, Initial:
(Including Leads)
15% G.F. Nylon Black
.020"/.022" Dia. 52 Alloy, Tinned
57050-000
.150" [3.81] Min.
.650" [16.51] Max.
Case:
Leads:
Actuator:
Actuate Distance:
Deactuate Distance:
.145
ON THIS SURFACE .OO5±.002 HIGH
HAMLIN TO BE EMBOSSED
.130±.015
.170 MAX.
HAMLIN
[22.86]
.900 MAX.
COMM.
N.C.
N.O.
.180MAX.
.800
.100
.400
[2.54]
[20.32]
[10.16]
[3.30±.38]
[4.32]
[.368]
D
59050030 XXX
1. Date Code 3 Digits.
57050-000


Numéro de pièce similaire - D10-59050-030-1

FabricantNo de pièceFiches techniqueDescription
logo
Bi technologies
D10-1C BITECH-D10-1C Datasheet
483Kb / 4P
   DIODE NETWORKS D SERIES
logo
PANDUIT CORP.
D10-250 PANDUIT-D10-250 Datasheet
572Kb / 1P
   NON-INSULATED, SLEEVED BARREL FEMALE DISCONNECT (.250 SERIES)
D10-250-D PANDUIT-D10-250-D Datasheet
572Kb / 1P
   NON-INSULATED, SLEEVED BARREL FEMALE DISCONNECT (.250 SERIES)
D10-250-L PANDUIT-D10-250-L Datasheet
572Kb / 1P
   NON-INSULATED, SLEEVED BARREL FEMALE DISCONNECT (.250 SERIES)
D10-250M PANDUIT-D10-250M Datasheet
60Kb / 1P
   12-10 .250 TAB NON-INSULATED MALE DISCONNECT
More results

Description similaire - D10-59050-030-1

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
N82802AB8 INTEL-N82802AB8 Datasheet
70Kb / 12P
   Specification Update
logo
Tyco Electronics
C-1513168 MACOM-C-1513168 Datasheet
86Kb / 1P
   update pn identification
logo
Kemet Corporation
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
   Product/Process Bulletin Update
logo
List of Unclassifed Man...
SDC-300 ETC2-SDC-300 Datasheet
36Kb / 1P
   Engineering Update w/o Changes
logo
DB Unlimited.
SM3604100-1 DBUNLIMITED-SM3604100-1 Datasheet
337Kb / 1P
   Update Storage / Op Temps
logo
MediaTek Inc.
MT6628Q MEDIATEK-MT6628Q Datasheet
659Kb / 26P
   Update WiFi standard name
Version: 1.3 2012-06-05
logo
Tyco Electronics
WP-040040-25-9 MACOM-WP-040040-25-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
logo
AVX Corporation
11-9159 AVX-11-9159 Datasheet
249Kb / 2P
   Solid State Lighting Connector Update
logo
ATMEL Corporation
AT91SAM7S128C-AU ATMEL-AT91SAM7S128C-AU Datasheet
53Kb / 2P
   AT91SAM7S256 and AT91SAMS128 Errata Update
logo
Intel Corporation
82546GB INTEL-82546GB Datasheet
201Kb / 16P
   Gigabit Ethernet Controller Specification Update
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com