Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F21 Fiches technique(PDF) 219 Page - Microchip Technology

No de pièce F21
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

F21 Fiches technique(HTML) 219 Page - Microchip Technology

Back Button F21 Datasheet HTML 215Page - Microchip Technology F21 Datasheet HTML 216Page - Microchip Technology F21 Datasheet HTML 217Page - Microchip Technology F21 Datasheet HTML 218Page - Microchip Technology F21 Datasheet HTML 219Page - Microchip Technology F21 Datasheet HTML 220Page - Microchip Technology F21 Datasheet HTML 221Page - Microchip Technology F21 Datasheet HTML 222Page - Microchip Technology F21 Datasheet HTML 223Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 219
PIC24FJ256GA705 FAMILY
FIGURE 17-4:
SPIx MASTER, FRAME MASTER CONNECTION DIAGRAM
PIC24FJ256GA705
Serial Clock
SCKx
Frame Sync
Pulse(1,2)
SDIx
SDOx
Processor 2
SSx
SCKx
(SPIx Master, Frame Master)
Serial Receive Buffer
(SPIxRXB)(3)
Shift Register
(SPIxRXSR)
Shift Register
(SPIxTXSR)
Serial Transmit Buffer
(SPIxTXB)(3)
(SPIxBUF)
SPI Buffer
Serial Receive Buffer
(SPIxTXB)(3)
Shift Register
(SPIxRXSR)
Shift Register
(SPIxTXSR)
Serial Transmit Buffer
(SPIxTXB)(3)
(SPIxBUF)
SPI Buffer
(SPIx Slave, Frame Slave)
SSx(1)
SDOx
SDIx
MSb
LSb
MSb
LSb
MSb
LSb
MSb
LSb
Note 1: In Framed SPI modes, the SSx pin is used to transmit/receive the Frame Synchronization pulse.
2: Framed SPI modes require the use of all four pins (i.e., using the SSx pin is not optional).
3: The SPIxTXB and SPIxRXB registers are memory-mapped to the SPIxBUF register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More