Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OS41 Fiches technique(PDF) 288 Page - Microchip Technology

No de pièce OS41
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OS41 Fiches technique(HTML) 288 Page - Microchip Technology

Back Button OS41 Datasheet HTML 284Page - Microchip Technology OS41 Datasheet HTML 285Page - Microchip Technology OS41 Datasheet HTML 286Page - Microchip Technology OS41 Datasheet HTML 287Page - Microchip Technology OS41 Datasheet HTML 288Page - Microchip Technology OS41 Datasheet HTML 289Page - Microchip Technology OS41 Datasheet HTML 290Page - Microchip Technology OS41 Datasheet HTML 291Page - Microchip Technology OS41 Datasheet HTML 292Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 288
 2016-2018 Microchip Technology Inc.
FIGURE 24-1:
12-BIT A/D CONVERTER BLOCK DIAGRAM (PIC24FJ256GA705 FAMILY)
Comparator
12-Bit SAR
VREF+
DAC
AN9(1)
AN0
AN1
AN2
VREF-
Sample Control
S/H
AVSS
AVDD
ADC1BUF0:
ADC1BUF15
AD1CON1
AD1CON2
AD1CON3
AD1CHS
AD1CHITL
Control Logic
Data Formatting
Input MUX Control
Conversion Control
Internal Data Bus
16
VR+
VR-
VINH
VINL
VINH
VINH
VINL
VINL
VR+
VR-
VBG
Note 1: Available ANx pins are package-dependent.
2: CTMU current source is routed to the selected ANx pin when SAMP = 1 and TGEN = 0. See Section 27.0 “Charge
Time Measurement Unit (CTMU)” for details.
Temperature
AVSS
AVDD
AD1CON5
DMA Data Bus
16
AD1CON4
Extended DMA Data
Conversion Logic
AN10(1)
AN11(1)
AN13(1)
Diode
AN12(1)
CTMU Current
Source(2)
AD1CSSH
AD1DMBUF
AD1CSSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More