| Moteur de recherche de fiches techniques de composants électroniques |
|
DO50 Fiches technique(PDF) 150 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DO50 Fiches technique(HTML) 150 Page - Microchip Technology |
|
150 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 150 2016-2018 Microchip Technology Inc. REGISTER 11-31: RPINR29: PERIPHERAL PIN SELECT INPUT REGISTER 29 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 — — SS3R5 SS3R4 SS3R3 SS3R2 SS3R1 SS3R0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-6 Unimplemented: Read as ‘0’ bit 5-0 SS3R<5:0>: Assign SPI3 Slave Select Input (SS3IN) to Corresponding RPn or RPIn Pin bits |