Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VRD311 Fiches technique(PDF) 193 Page - Microchip Technology

No de pièce VRD311
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRD311 Fiches technique(HTML) 193 Page - Microchip Technology

Back Button VRD311 Datasheet HTML 189Page - Microchip Technology VRD311 Datasheet HTML 190Page - Microchip Technology VRD311 Datasheet HTML 191Page - Microchip Technology VRD311 Datasheet HTML 192Page - Microchip Technology VRD311 Datasheet HTML 193Page - Microchip Technology VRD311 Datasheet HTML 194Page - Microchip Technology VRD311 Datasheet HTML 195Page - Microchip Technology VRD311 Datasheet HTML 196Page - Microchip Technology VRD311 Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 193
PIC24FJ256GA705 FAMILY
TABLE 16-5:
SYNCHRONIZATION SOURCES
SYNC<4:0>
Synchronization Source
11111
None; Timer with Rollover on CCPxPR Match or FFFFh
11110
Reserved
11101
Reserved
11100
CTMU Trigger
11011
A/D Start Conversion
11010
CMP3 Trigger
11001
CMP2 Trigger
11000
CMP1 Trigger
10111
Reserved
10110
Reserved
10101
Reserved
10100
Reserved
10011
Reserved
10010
Reserved
10001
CLC2 Out
10000
CLC1 Out
01111
Reserved
01110
Reserved
01101
Reserved
01100
Reserved
01011
INT2 Pad
01010
INT1 Pad
01001
INT0 Pad
01000
Reserved
00111
Reserved
00110
Reserved
00101
MCCP4 Sync Out
00100
MCCP3 Sync Out
00011
MCCP2 Sync Out
00010
MCCP1 Sync Out
00001
MCCPx Sync Out(1)
00000
MCCPx Timer Sync Out(1)
Note 1:
CCP1 when connected to CCP1, CCP2 when connected to CCP2, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More