| Moteur de recherche de fiches techniques de composants électroniques |
|
DVR20 Fiches technique(PDF) 397 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DVR20 Fiches technique(HTML) 397 Page - Microchip Technology |
|
397 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 397 PIC24FJ256GA705 FAMILY B A 0.10 C 0.10 C 0.07 C A B 0.05 C (DATUM B) (DATUM A) C SEATING PLANE NOTE 1 1 2 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 1 1 2 N 0.10 C A B 0.10 C A B 0.10 C 0.08 C Microchip Technology Drawing C04-442A-M4 Sheet 1 of 2 2X 52X For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 48-Lead Ultra Thin Plastic Quad Flat, No Lead Package (M4) - 6x6 mm Body [UQFN] With Corner Anchors and 4.6x4.6 mm Exposed Pad D E D2 8X (b1) E2 (K) e 2 e 48X b L 8X (b2) A (A3) A1 |