Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DVR11 Fiches technique(PDF) 400 Page - Microchip Technology

No de pièce DVR11
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVR11 Fiches technique(HTML) 400 Page - Microchip Technology

Back Button DVR11 Datasheet HTML 396Page - Microchip Technology DVR11 Datasheet HTML 397Page - Microchip Technology DVR11 Datasheet HTML 398Page - Microchip Technology DVR11 Datasheet HTML 399Page - Microchip Technology DVR11 Datasheet HTML 400Page - Microchip Technology DVR11 Datasheet HTML 401Page - Microchip Technology DVR11 Datasheet HTML 402Page - Microchip Technology DVR11 Datasheet HTML 403Page - Microchip Technology DVR11 Datasheet HTML 404Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 400
 2016-2018 Microchip Technology Inc.
C
SEATING
PLANE
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-300-PT Rev A Sheet 1 of 2
48-Lead Thin Quad Flatpack (PT) - 7x7x1.0 mm Body [TQFP]
TOP VIEW
E
E1
D
0.20 H A-B D
4X
D1
2
12
A
B
A
A
D
D1
A1
A
H
0.10 C
0.08 C
SIDE VIEW
N
0.20 C A-B D
48X TIPS
E1
4
D1
4
A2
E1
2
e
48x b
0.08
C A-B D
NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More