Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DI10 Fiches technique(PDF) 218 Page - Microchip Technology

No de pièce DI10
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DI10 Fiches technique(HTML) 218 Page - Microchip Technology

Back Button DI10 Datasheet HTML 214Page - Microchip Technology DI10 Datasheet HTML 215Page - Microchip Technology DI10 Datasheet HTML 216Page - Microchip Technology DI10 Datasheet HTML 217Page - Microchip Technology DI10 Datasheet HTML 218Page - Microchip Technology DI10 Datasheet HTML 219Page - Microchip Technology DI10 Datasheet HTML 220Page - Microchip Technology DI10 Datasheet HTML 221Page - Microchip Technology DI10 Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 218
 2016-2018 Microchip Technology Inc.
FIGURE 17-3:
SPIx MASTER/SLAVE CONNECTION (ENHANCED BUFFER MODES)
Serial Transmit FIFO
(SPIxTXB)(2)
Shift Register
(SPIxTXSR)
LSb
MSb
SDIx
SDOx
Processor 2 (SPIx Slave)
SCKx
SSx(1)
Serial Receive FIFO
(SPIxRXB)(2)
Serial Receive FIFO
(SPIxRXB)(2)
Shift Register
(SPIxRXSR)
MSb
LSb
SDOx
SDIx
Processor 1 (SPIx Master)
Serial Clock
MSSEN (SPIxCON1H<4>) = 1 and MSTEN (SPIxCON1L<5>) = 0
SCKx
Serial Transmit FIFO
(SPIxTXB)(2)
MSTEN (SPIxCON1L<5>) = 1
SPIx Buffer
(SPIxBUF)
SPIx Buffer
(SPIxBUF)
Shift Register
(SPIxTXSR)
Shift Register
(SPIxRXSR)
MSb
LSb
LSb
MSb
SDOx
SDIx
Note 1: Using the SSx pin in Slave mode of operation is optional.
2: User must write transmit data to read the received data from SPIxBUF. The SPIxTXB and SPIxRXB registers
are memory-mapped to SPIxBUF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More