| Moteur de recherche de fiches techniques de composants électroniques |
|
DC60 Fiches technique(PDF) 352 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DC60 Fiches technique(HTML) 352 Page - Microchip Technology |
|
352 / 416 page ![]() PIC24FJ256GA705 FAMILY DS30010118D-page 352 2016-2018 Microchip Technology Inc. BTSS BTSS f,#bit4 Bit Test f, Skip if Set 1 1 (2 or 3) None BTSS Ws,#bit4 Bit Test Ws, Skip if Set 1 1 (2 or 3) None BTST BTST f,#bit4 Bit Test f 1 1 Z BTST.C Ws,#bit4 Bit Test Ws to C 1 1 C BTST.Z Ws,#bit4 Bit Test Ws to Z 1 1 Z BTST.C Ws,Wb Bit Test Ws<Wb> to C 1 1 C BTST.Z Ws,Wb Bit Test Ws<Wb> to Z 1 1 Z BTSTS BTSTS f,#bit4 Bit Test, then Set f 1 1 Z BTSTS.C Ws,#bit4 Bit Test Ws to C, then Set 1 1 C BTSTS.Z Ws,#bit4 Bit Test Ws to Z, then Set 1 1 Z CALL CALL lit23 Call Subroutine 2 2 None CALL Wn Call Indirect Subroutine 1 2 None CLR CLR f f = 0x0000 1 1 None CLR WREG WREG = 0x0000 1 1 None CLR Ws Ws = 0x0000 1 1 None CLRWDT CLRWDT Clear Watchdog Timer 1 1 WDTO, Sleep COM COM f f = f 11 N, Z COM f,WREG WREG = f 11 N, Z COM Ws,Wd Wd = Ws 11 N, Z CP CP f Compare f with WREG 1 1 C, DC, N, OV, Z CP Wb,#lit5 Compare Wb with lit5 1 1 C, DC, N, OV, Z CP Wb,Ws Compare Wb with Ws (Wb – Ws) 1 1 C, DC, N, OV, Z CP0 CP0 f Compare f with 0x0000 1 1 C, DC, N, OV, Z CP0 Ws Compare Ws with 0x0000 1 1 C, DC, N, OV, Z CPB CPB f Compare f with WREG, with Borrow 1 1 C, DC, N, OV, Z CPB Wb,#lit5 Compare Wb with lit5, with Borrow 1 1 C, DC, N, OV, Z CPB Wb,Ws Compare Wb with Ws, with Borrow (Wb – Ws – C) 1 1 C, DC, N, OV, Z CPSEQ CPSEQ Wb,Wn Compare Wb with Wn, Skip if = 1 1 (2 or 3) None CPSGT CPSGT Wb,Wn Compare Wb with Wn, Skip if > 1 1 (2 or 3) None CPSLT CPSLT Wb,Wn Compare Wb with Wn, Skip if < 1 1 (2 or 3) None CPSNE CPSNE Wb,Wn Compare Wb with Wn, Skip if 11 (2 or 3) None DAW DAW.B Wn Wn = Decimal Adjust Wn 1 1 C DEC DEC f f = f –1 1 1 C, DC, N, OV, Z DEC f,WREG WREG = f –1 1 1 C, DC, N, OV, Z DEC Ws,Wd Wd = Ws – 1 1 1 C, DC, N, OV, Z DEC2 DEC2 f f = f – 2 1 1 C, DC, N, OV, Z DEC2 f,WREG WREG = f – 2 1 1 C, DC, N, OV, Z DEC2 Ws,Wd Wd = Ws – 2 1 1 C, DC, N, OV, Z DISI DISI #lit14 Disable Interrupts for k Instruction Cycles 1 1 None DIV DIV.SW Wm,Wn Signed 16/16-Bit Integer Divide 1 18 N, Z, C, OV DIV.SD Wm,Wn Signed 32/16-Bit Integer Divide 1 18 N, Z, C, OV DIV.UW Wm,Wn Unsigned 16/16-Bit Integer Divide 1 18 N, Z, C, OV DIV.UD Wm,Wn Unsigned 32/16-Bit Integer Divide 1 18 N, Z, C, OV EXCH EXCH Wns,Wnd Swap Wns with Wnd 1 1 None FF1L FF1L Ws,Wnd Find First One from Left (MSb) Side 1 1 C FF1R FF1R Ws,Wnd Find First One from Right (LSb) Side 1 1 C TABLE 31-2: INSTRUCTION SET OVERVIEW (CONTINUED) Assembly Mnemonic Assembly Syntax Description # of Words # of Cycles Status Flags Affected |