| Moteur de recherche de fiches techniques de composants électroniques |
|
AM2432...ALV Fiches technique(PDF) 114 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2432...ALV Fiches technique(HTML) 114 Page - Texas Instruments |
|
114 / 280 page ![]() Note Internal pull resistors are weak and may not source enough current to maintain a valid logic level for some operating conditions. This can be the case when connected to components with leakage to the opposite logic level, or when external noise sources couple to signal traces attached to balls which are only pulled to a valid logic level by the internal resistor. Therefore, external pull resistors are recommended to hold a valid logic level on balls with external connections. If balls are allowed to float between valid logic levels, the input buffer can enter a high-current state which can damage the IO cell. AM2434, AM2432, AM2431 SPRSP65D – APRIL 2021 – REVISED AUGUST 2022 www.ti.com 114 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM2434 AM2432 AM2431 |