Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBL04 Fiches technique(PDF) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

No de pièce GBL04
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Site Internet  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

GBL04 Fiches technique(HTML) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

  GBL04 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. GBL04 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.4
.6
.8
1.0 1.2
.01
0.1
1.0
1.6
.2
10
1.4
100
4
0
1
2
05 0
1 0 0
3
4
15 0
5
0
1
100
50
200
150
250
10
100
8.3ms Single Half Sine Wave
TJ=150
FIG.2 -- FORWARD DERATING CURVE
FIG.1 -- PEAK FORWARD SURGECURRENT
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSECHARACTERISTICS
RATINGSANDCHARACTERISTICCURVES
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENTOF RATED PEAK REVERSE VOLTAGE
GBL005 --- GBL10
NUMBER OF CYCLES AT60HZ
AMBIENT TEMPERATURE,
www.diode.co.kr
2.
.01
1.0
10
0.1
TJ=100
TJ=25
0
20
40
60
80
100
120
140


Numéro de pièce similaire - GBL04

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
GBL04 WTE-GBL04 Datasheet
40Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
GBL04 GE-GBL04 Datasheet
90Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBL04 WTE-GBL04 Datasheet
46Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
GBL04 TSC-GBL04 Datasheet
63Kb / 2P
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBL04 TSC-GBL04 Datasheet
206Kb / 2P
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Description similaire - GBL04

FabricantNo de pièceFiches techniqueDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
Glass Passivated Bridge Rectifiers
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Comchip Technology
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com