Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

15N10 Fiches technique(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

No de pièce 15N10
Description  N-Channel Enhancement Mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Site Internet  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

15N10 Fiches technique(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  15N10 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 15N10 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 15N10 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 15N10 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 15N10 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Electrical and Thermal Characteristics (Curves)
Vds Drain-Source Voltage (V)
Figure 1 Output Characteristics
Vgs Gate-Source Voltage (V)
Figure 2 Transfer Characteristics
ID- Drain Current (A)
Figure 3 Rdson- Drain Current
TJ-Junction Temperature(℃)
Figure 4 Rdson-JunctionTemperature
Qg Gate Charge (nC)
Figure 5 Gate Charge
Vsd Source-Drain Voltage (V)
Figure 6 Source- Drain Diode Forward
www.sztuofeng.com
,2018 V1.0
3
Mar
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
15N10
10A


Numéro de pièce similaire - 15N10

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
15N10 UTC-15N10 Datasheet
182Kb / 5P
14.7A, 100V (D-S) N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
100V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
15N10 VBSEMI-15N10 Datasheet
1,022Kb / 8P
P-Channel 30 V (D-S) MOSFET
15N10 VBSEMI-15N10 Datasheet
1,013Kb / 7P
N-Channel 100 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
15N10 UMW-15N10 Datasheet
660Kb / 5P
The 15N10 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V.
More results

Description similaire - 15N10

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com