Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8020 Fiches technique(PDF) 6 Page - C&K Components

No de pièce 8020
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

8020 Fiches technique(HTML) 6 Page - C&K Components

Back Button 8020_V01 Datasheet HTML 2Page - C&K Components 8020_V01 Datasheet HTML 3Page - C&K Components 8020_V01 Datasheet HTML 4Page - C&K Components 8020_V01 Datasheet HTML 5Page - C&K Components 8020_V01 Datasheet HTML 6Page - C&K Components 8020_V01 Datasheet HTML 7Page - C&K Components 8020_V01 Datasheet HTML 8Page - C&K Components 8020_V01 Datasheet HTML 9Page - C&K Components 8020_V01 Datasheet HTML 10Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
A-34
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
AVAILABLE
BUSHINGS
DIM. ‘A’
FOR C, W-W4, Z & Z3
TERMINATIONS
DIM. ‘A’
FOR A, A2, A3, A4, A6,
AV-A3, R & R2
TERMINATIONS
DIM. ‘A’
FOR V3-V61
TERMINATIONS
D, D9
.244 (6,20)
.228 (5,79)
.224 (5,69)
H, H9
.218 (5,54)
.202 (5,13)
.198 (5,03)
Y, Y9
.203 (5,16)
.187 (4,75)
.183 (4,65)
Y3
(5,54)
(5,13)
(5,03)
Y4
.185 (4,70)
.169 (4,29)
.165 (4,19)
D2, D8
N/A
.232 (5,89)
.228 (5,79)
D3
N/A
.162 (4,11)
.158 (4,01)
AVAILABLE
BUSHINGS
DIM. ‘C’
FOR C, W-W4, Z & Z3
TERMINATIONS
DIM. ‘C’
FOR A, A2, A3, A4, A6,
AV-A3, R & R2
TERMINATIONS
DIM. ‘C’
FOR V3-V61
TERMINATIONS
D, D9
.297 (7,54)
.281 (7,14)
.277 (7,04)
H, H9
.267 (6,78)
.251 (6,38)
.247 (6,27)
Y, Y9
.259 (6,58)
.243 (6,17)
.239 (6,07)
Y3
(6,78)
(6,37)
(6,27)
Y4
.259 (6,58)
.243 (6,17)
.239 (6,07)
D2, D8
N/A
.273 (6,93)
.269 (6,83)
D3
N/A
.361 (9,17)
.357 (9,07)
AVAILABLE
BUSHINGS
DIM. ‘B’
FOR C, W-W4, Z & Z3
TERMINATIONS
DIM. ‘B’
FOR A, A2, A3, A4, A6,
AV-A3, R & R2
TERMINATIONS
DIM. ‘B’
FOR V3-V61
TERMINATIONS
Y, Y9
.178 (4,52)
.162 (4,11)
.158 (4,01)
Y4
.090 (2,29)
.074 (1,88)
.070 (1,78)
Third Angle
Projection
8020 Series
Snap-acting Momentary Pushbutton Switches
PLUNGER
BUSHING
1/4-40 UNS-2A
NONE NO BUSHING
CHOICE REQUIRED
(JXX ACTUATORS)
Y9 .350” HIGH UNTHREADED, KEYWAY
H9 .250”34 HIGH UNTHREADED,
FLAT
H .250”34 HIGH THREADED, FLAT
Y .350” HIGH THREADED, KEYWAY
D9 .28034” HIGH UNTHREADED,
KEYWAY
D .280” HIGH THREADED, KEYWAY
M SNAP-FITTING PLUNGER
L PLUNGER
NONE NO PLUNGER CHOICE REQUIRED
(JXX ACTUATORS)
S PLUNGER
ACTUATOR OR PLUNGER
NOTE: When selecting plunger option, bushing selection must also be made, see next page. No plunger option is required when any
JXX actuator option is selected. Additional plunger lengths are available on SPDT and DPDT models, consult Customer Service Center.
Not all plunger lengths sufficient for use with caps, see page A-44.
H bushing standard with C, W-W4, Z or Z3 terminations.
H, H9 bushings not available on single pole models with
A3-A6, R, R2 terminations.
Will withstand 12 in./lbs. of torque with
no distortion.
D9 bushing standard with A-A6,
R, R2 AV-AV3 terminations.
N/A = NOT AVAILABLE
9 Feb 22


Numéro de pièce similaire - 8020_V01

FabricantNo de pièceFiches techniqueDescription
logo
Belden Inc.
8020-000100 BELDEN-8020-000100 Datasheet
149Kb / 2P
   Bus Bar Wire, #20 Sol TC
01-20-2023
8020-0001000 BELDEN-8020-0001000 Datasheet
149Kb / 2P
   Bus Bar Wire, #20 Sol TC
01-20-2023
logo
Schurter Inc.
8020.0504.PT SCHURTER-8020.0504.PT Datasheet
222Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
8020.0504.xx SCHURTER-8020.0504.xx Datasheet
340Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
8020.0505.PT SCHURTER-8020.0505.PT Datasheet
222Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
More results

Description similaire - 8020_V01

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com