Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8020 Fiches technique(PDF) 4 Page - C&K Components

No de pièce 8020
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

8020 Fiches technique(HTML) 4 Page - C&K Components

  8020_V01 Datasheet HTML 1Page - C&K Components 8020_V01 Datasheet HTML 2Page - C&K Components 8020_V01 Datasheet HTML 3Page - C&K Components 8020_V01 Datasheet HTML 4Page - C&K Components 8020_V01 Datasheet HTML 5Page - C&K Components 8020_V01 Datasheet HTML 6Page - C&K Components 8020_V01 Datasheet HTML 7Page - C&K Components 8020_V01 Datasheet HTML 8Page - C&K Components 8020_V01 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
A-32
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
OPTION
CODE
CAP AND FRAME
COLOR
2
BLACK
1
WHITE
3
RED
4
ORANGE
5
YELLOW
6
GREEN
7
BLUE
9
GRAY
Third Angle
Projection
8020 Series
Snap-acting Momentary Pushbutton Switches
ACTUATOR—SNAP-IN FRONT MOUNT
**
PANEL MOUNTING
J83 SNAP-IN WITH FRAME AND FLUSH CAP
LED not included.
For LED information, see page A-45.
LED not included.
For LED information, see page A-45.
J84 SNAP-IN WITH FRAME FOR LED, FLUSH CAP
J82 SNAP-IN WITH FRAME FOR LED
Other colors available, consult
Customer Service Center.
Cap and Frame Finish: matte.
Available with C, W-W4, Z or Z3 terminations and
SPDT and DPDT models only.
NOTE: Caps and frames available separately,
see pages A-44 and A-45.
ACTUATOR OR PLUNGER
CAP COLOR
FRAME COLOR
9 Feb 22


Numéro de pièce similaire - 8020_V01

FabricantNo de pièceFiches techniqueDescription
logo
Belden Inc.
8020-000100 BELDEN-8020-000100 Datasheet
149Kb / 2P
   Bus Bar Wire, #20 Sol TC
01-20-2023
8020-0001000 BELDEN-8020-0001000 Datasheet
149Kb / 2P
   Bus Bar Wire, #20 Sol TC
01-20-2023
logo
Schurter Inc.
8020.0504.PT SCHURTER-8020.0504.PT Datasheet
222Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
8020.0504.xx SCHURTER-8020.0504.xx Datasheet
340Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
8020.0505.PT SCHURTER-8020.0505.PT Datasheet
222Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
More results

Description similaire - 8020_V01

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com