Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBL04 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce GBL04
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GBL04 Fiches technique(HTML) 3 Page - Vishay Siliconix

  GBL04 Datasheet HTML 1Page - Vishay Siliconix GBL04 Datasheet HTML 2Page - Vishay Siliconix GBL04 Datasheet HTML 3Page - Vishay Siliconix GBL04 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GBL005, GBL01, GBL02, GBL04, GBL06, GBL08, GBL10
www.vishay.com
Vishay General Semiconductor
Revision: 11-Aug-2020
3
Document Number: 88609
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.1
1
10
100
10
100
1000
50 - 400 V
600 - 1000 V
Reverse Voltage (V)
TJ = 25 °C
f = 1.0 MHz
Vsig = 50 mVp-p
0.01
0.1
1
10
100
0.1
1
10
100
t - Heating Time (s)
Case Type GBL
0.125 (3.17) x 45°
Chamfer
0.825 (20.9)
0.815 (20.7)
0.421 (10.7)
0.411 (10.4)
0.718 (18.2)
0.682 (17.3)
0.098 (2.5)
0.075 (1.9)
Lead Depth
0.022 (0.56)
0.018 (0.46)
0.210 (5.3)
0.190 (4.8)
0.040 (1.02)
0.030 (0.76)
0.140 (3.56)
0.128 (3.25)
0.022 (0.56)
0.018 (0.46)
0.050 (1.27)
0.040 (1.02)
0.098 (2.5)
0.075 (1.9)
0.095 (2.41)
0.080 (2.03)
0.080 (2.03)
0.060 (1.50)
Polarity shown on front side of case, positive lead beveled corner


Numéro de pièce similaire - GBL04

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
GBL04 WTE-GBL04 Datasheet
40Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
GBL04 GE-GBL04 Datasheet
90Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
GBL04 WTE-GBL04 Datasheet
46Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
GBL04 TSC-GBL04 Datasheet
63Kb / 2P
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBL04 TSC-GBL04 Datasheet
206Kb / 2P
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Description similaire - GBL04

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Pan Jit International I...
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com