Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

802-OEM-4KV-POS-3P208 Fiches technique(PDF) 1 Page - TDK Electronics

No de pièce 802-OEM-4KV-POS-3P208
Description  High Voltage Power Supplies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

802-OEM-4KV-POS-3P208 Fiches technique(HTML) 1 Page - TDK Electronics

  802-OEM-4KV-POS-3P208 Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Voltage Power Supplies
1 of 1
Creation Date : April 12, 2022 (GMT)
802-OEM-4KV-POS-3P208
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.
Sales Region
Worldwide (except Japan)
Series
ALE
Model
ALE-Rack mount
Status
Production
Option
Positive polarity
Option Lineup
Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
Input
3-phase
Input Voltage Range[AC]
180 to 264VAC
Input Frequency Range
47 to 63Hz
Rated Output Voltage[DC]
4000Vdc
Output Voltage Range[DC]
0 to 4000V
Average Capacitor Charging Power
8000J/sec
Peak Capacitor Charging Power
9000J/sec
Charge Current
4.5A
Continuous DC Current
2A
Continuous DC Power
8kW
Polarity
Positive
Power Factor
0.85
Efficiency
85% Typ.
Package Type & Size
Package / Mounting
Rack mount
Width(W)
482mm Nom. (18.98in Nom.)
Height(H)
222mm Nom. (8.74in Nom.)
Depth(D)
432mm Nom. (17.01in Nom.)
Weight
37kg Typ. (81.6lbs Typ.)
Other
Operating Temp. Range
-20 to 45°C
Storage Temp. Range
-40 to 85°C
Cooling
Forced air
Safety Standard(Certified)
Safety Standard(Conformed)
Remarks
This page only shows representative characteristics. Please refer to the
technical data for detailed specifications and conditions.


Numéro de pièce similaire - 802-OEM-4KV-POS-3P208

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
802-OEM-4KV-POS-3P400 TDK-802-OEM-4KV-POS-3P400 Datasheet
155Kb / 1P
   High Voltage Power Supplies
April 12, 2022
More results

Description similaire - 802-OEM-4KV-POS-3P208

FabricantNo de pièceFiches techniqueDescription
logo
High Voltage Power Solu...
ACN2132L8 HVPSI-ACN2132L8 Datasheet
56Kb / 2P
   HIGH VOLTAGE POWER SUPPLIES
ACN2234L25 HVPSI-ACN2234L25_15 Datasheet
515Kb / 2P
   High Voltage Power Supplies
ACN2422L10 HVPSI-ACN2422L10_15 Datasheet
608Kb / 2P
   High Voltage Power Supplies
logo
TDK Electronics
203L-5KV-POS-3P480 TDK-203L-5KV-POS-3P480 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-15KV-NEG-3P208 TDK-203L-15KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 07, 2022
203L-15KV-POS-3P400 TDK-203L-15KV-POS-3P400 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-15KV-NEG-3P208 TDK-203S-15KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-1KV-POS-3P480 TDK-203S-1KV-POS-3P480 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-2KV-NEG-3P208 TDK-203S-2KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-30KV-POS-3P208 TDK-203L-30KV-POS-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-40KV-NEG-3P208 TDK-203L-40KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com