Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA278R00PI Fiches technique(PDF) 4 Page - KEC(Korea Electronics)

No de pièce KIA278R00PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA278R00PI Fiches technique(HTML) 4 Page - KEC(Korea Electronics)

  KIA278R00PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA278R00PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA278R00PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA278R00PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA278R00PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2004. 3. 9
4/5
KIA278R00PI
Revision No : 0
-10
-25
JUNCTION TEMPERATURE T
( C)
j
0
25
50
75
100
125
-5
0
5
10
V
=15V
I
=1.0A
R1=470
Ω, R2=3.2KΩ
R1=470
Ω, R2=3.2KΩ
IN
O
0
0
OUTPUT CURRENT I
(A)
O
Fig. 4
I
- V
1.0
2.0
3.0
4.0
20
40
60
80
100
O
O
AMBIENT TEMPERATURE Ta ( C)
Fig. 3 Ta - P
Note) Oblique line portion : Overheat
protection may operate in this
area.
D
0
-25
0
50
100
150
5
10
15
20
P 1 : No heat sink
p 2 : With infinite heat sink
D
D
P 1
P 2
D
D
INPUT VOLTAGE V
(V)
IN
R =5
5
0
0
5
R =
L
L
10
10
15
15
JUNCTION TEMPERATURE T
( C)
0
-25
j
I =2A
O
0
25
50
75
100
125
0.1
0.2
0.3
0.4
0.5
I =1.5A
O
I =1A
O
I =0.5A
O
JUNCTION TEMPERATURE T
( C)
0
-25
j
0
25
50
75
100
125
2
4
6
8
10
V
=35V
I =0
IN
O
T =25 C
j
Fig. 5 T
-
V
j
O
Fig. 7 T
- V
j
D
Fig. 8 T
- I
j
q
Fig. 6 V
- V
IN
O


Numéro de pièce similaire - KIA278R00PI

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Description similaire - KIA278R00PI

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com