Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA278R00PI Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce KIA278R00PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA278R00PI Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  KIA278R00PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA278R00PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA278R00PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA278R00PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA278R00PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2004. 3. 9
3/5
KIA278R00PI
Revision No : 0
1
2
3
4
A
A
V
0.33
µF
I
R
I
q
L
R1
R1
R2
470
R2
o
V
= V
x ( 1 +
) = 1.29
x ( 1 +
)
OUT
ref
VIN
47
µF
1
2
3
4
A
A
V
0.33
µF
I
R
I
Q
L
R1
470
R2
o
IN
47
µF
3.3µF
Cref
Fig. 1 Standard Test Circuit
R1
R2
V
Fig. 2 Ripple Rejection Circuit
ein
+
+
_
_
f=120Hz(sine wave)
ei=0.5Vrms
RR=20log(ei/eo)


Numéro de pièce similaire - KIA278R00PI

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Description similaire - KIA278R00PI

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com