| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L031C4 Fiches technique(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4 Fiches technique(HTML) 117 Page - STMicroelectronics |
|
117 / 126 page ![]() DS10668 Rev 6 117/126 STM32L031x4/6 Package information 120 TSSOP20 device marking The following figure gives an example of topside marking versus pin 1 position identifier location. Other optional marking or inset/upset marks, which depends assembly location, are not indicated below. Figure 54. Example of TSSOP20 marking (package top view) 1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet qualified and therefore not yet ready to be used in production and any consequences deriving from such usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering samples in production. ST Quality has to be contacted prior to any decision to use these Engineering samples to run qualification activity. |