Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV16K Fiches technique(PDF) 195 Page - STMicroelectronics

No de pièce ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Fiches technique(HTML) 195 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 191Page - STMicroelectronics ST25DV16K Datasheet HTML 192Page - STMicroelectronics ST25DV16K Datasheet HTML 193Page - STMicroelectronics ST25DV16K Datasheet HTML 194Page - STMicroelectronics ST25DV16K Datasheet HTML 195Page - STMicroelectronics ST25DV16K Datasheet HTML 196Page - STMicroelectronics ST25DV16K Datasheet HTML 197Page - STMicroelectronics ST25DV16K Datasheet HTML 198Page - STMicroelectronics ST25DV16K Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 200 page
background image
Table 161. Extended Get System Info request format ................................................. 107
Table 162. Parameter request list .............................................................. 107
Table 163. Extended Get System Info response format when Error_flag is NOT set ............................ 108
Table 164. Response Information Flag ........................................................... 108
Table 165. Response other field: ST25DVxxx VICC memory size......................................... 108
Table 166. Response other field: ST25DVxxx IC Ref ................................................. 109
Table 167. Response other field: ST25DVxxx VICC command list ........................................ 109
Table 168. Response other field: ST25DVxxx VICC command list Byte 1 ................................... 109
Table 169. Response other field: ST25DVxxx VICC command list Byte 2 ................................... 109
Table 170. Response other field: ST25DVxxx VICC command list Byte 3 ....................................110
Table 171. Response other field: ST25DVxxx VICC command list Byte 4 ....................................110
Table 172. Extended Get System Info response format when Error_flag is set .................................110
Table 173. Get Multiple Block Security Status request format ............................................111
Table 174. Get Multiple Block Security Status response format when Error_flag is NOT set........................111
Table 175. Block security status.................................................................111
Table 176. Get Multiple Block Security Status response format when Error_flag is set ...........................111
Table 177. Extended Get Multiple Block Security Status request format .....................................112
Table 178. Extended Get Multiple Block Security Status response format when Error_flags NOT set .................112
Table 179. Block security status.................................................................113
Table 180. Extended Get Multiple Block Security Status response format when Error_flag is set ....................113
Table 181. Read Configuration request format.......................................................114
Table 182. Read Configuration response format when Error_flag is NOT set ..................................114
Table 183. Read Configuration response format when Error_flag is set......................................114
Table 184. Write Configuration request format .......................................................115
Table 185. Write Configuration response format when Error_flag is NOT set ..................................115
Table 186. Write configuration response format when Error_flag is set ......................................115
Table 187. Read Dynamic Configuration request format ................................................116
Table 188. Read Dynamic Configuration response format when Error_flag is NOT set ...........................116
Table 189. Read Dynamic Configuration response format when Error_flag is set ...............................116
Table 190. Write Dynamic Configuration request format ................................................117
Table 191. Write Dynamic Configuration response format when Error_flag is NOT set ...........................117
Table 192. Write Dynamic Configuration response format when Error_flag is set ...............................117
Table 193. ManageGPO request format ...........................................................118
Table 194. GPOVAL.........................................................................118
Table 195. ManageGPO response format when Error_flag is NOT set ......................................119
Table 196. ManageGPO response format when Error_flag is set ..........................................119
Table 197. Write Message request format ..........................................................119
Table 198. Write Message response format when Error_flag is NOT set .................................... 120
Table 199. Write Message response format when Error_flag is set ........................................ 120
Table 200. Read Message Length request format ................................................... 120
Table 201. Read Message Length response format when Error_flag is NOT set............................... 121
Table 202. Read Message Length response format when Error_flag is set .................................. 121
Table 203. Read Message request format......................................................... 121
Table 204. Read Message response format when Error_flag is NOT set .................................... 122
Table 205. Fast Read Message request format ..................................................... 122
Table 206. Fast Read Message response format when Error_flag is NOT set ................................ 123
Table 207. Write Password request format ........................................................ 124
Table 208. Write Password response format when Error_flag is NOT set ................................... 124
Table 209. Write Password response format when Error_flag is set ....................................... 124
Table 210. Present Password request format ...................................................... 125
Table 211. Present Password response format when Error_flag is NOT set.................................. 125
Table 212. Present Password response format when Error_flag is set ..................................... 126
Table 213. Fast Read Single Block request format ................................................... 126
Table 214. Fast Read Single Block response format when Error_flag is NOT set .............................. 126
ST25DV04K ST25DV16K ST25DV64K
List of tables
DS10925 - Rev 9
page 195/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More