Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L151C2 Fiches technique(PDF) 112 Page - STMicroelectronics

No de pièce STM8L151C2
Description  8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C2 Fiches technique(HTML) 112 Page - STMicroelectronics

Back Button STM8L151C2_V01 Datasheet HTML 108Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 109Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 110Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 111Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 112Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 113Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 114Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 115Page - STMicroelectronics STM8L151C2_V01 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 123 page
background image
Package information
STM8L151x2, STM8L151x3
112/123
DS7204 Rev 11
10.5
UFQFPN20 package information
Figure 51. UFQFPN20 - 20-lead, 3x3 mm, 0.5 mm pitch, ultra thin fine pitch quad flat
package outline
1.
Drawing is not to scale.
A0A5_ME_V4
15
16
20
1
5
D
e
b
e
E
A1
A
ddd
L2
10
L1
A3
L5
D
E
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Pin 1
L3
E1
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More