Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPX-16770 Fiches technique(PDF) 2 Page - SparkFun Electronics

No de pièce SPX-16770
Description  Qwiic PT100 - ADS122C04
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPARKFUN [SparkFun Electronics]
Site Internet  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

SPX-16770 Fiches technique(HTML) 2 Page - SparkFun Electronics

  SPX-16770 Datasheet HTML 1Page - SparkFun Electronics SPX-16770 Datasheet HTML 2Page - SparkFun Electronics SPX-16770 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Note: A PT100 sensor is required for use. Any three or four wire PT100 sensor will work. While we
don't currently carry a PT100 sensor, we plan to carry one in the near future.
The SparkFun Qwiic connect system is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.
Experimental Product: SparkX products are rapidly produced to bring you the most cutting edge
technology as it becomes available. These products are tested but come with no guarantees. Live
technical support is not available for SparkX products. Head on over to our forum for support or to
ask a question.
FEATURES
ADC122C04
o
Operating Voltage (V
DD
): 2.3V to 5.5V
o
(Note: When powering with a Qwiic cable, the input range is only 3.3V)
o
Operating Temperature: -40°C to +125°C
o
Conversion Modes: Single-Shot (Default), Continuous-Conversion
o
Operating Modes: Normal (Default), Turbo
o
Analog Inputs:
o
Measurement Type: Two Differential (Default) or Four Single-Ended
o
Input Voltage Range: GND to V
DD
o
Programmable Input Multiplexer
o
Programmable Gain Amplifier: x1 to x128
o
Programmable Voltage Reference
o
Internal Precision 2.048V Reference
o
Resolution:
o
24-bits (up to 20 bits effective resolution)
o
LSB size depends on the selected voltage reference
o
Sample Rate: 20Hz to 2.0kHz
o
At 20Hz the built-in digital filter provides simultaneous 50Hz and 60Hz noise rejection
for industrial applications
o
Programmable Current Sources: 10μA to 1.5mA
o
Current Consumption (Typical):
o
250μA to 955μA (depending on the selected mode)
o
0.1μA in Power-down mode
o
Internal Temperature Sensor
Latch terminals for easy sensor connection
Configurable I2C address:
o
0x45 (Default)
o
0x44
o
0x41
o
0x40
2x Qwiic connection ports
Connection guide (on the back of the PCB)
Power LED
o
Can be disabled for low power applications
 


Numéro de pièce similaire - SPX-16770

FabricantNo de pièceFiches techniqueDescription
logo
SparkFun Electronics
SPX-16740 SPARKFUN-SPX-16740 Datasheet
239Kb / 3P
   Qwiic Power Switch
7????0
More results

Description similaire - SPX-16770

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
DS2532 TTELEC-DS2532 Datasheet
284Kb / 1P
   PT100 Sensor
logo
SparkFun Electronics
DEV-15123 SPARKFUN-DEV-15123 Datasheet
181Kb / 3P
   SparkFun RedBoard Qwiic
1??1??9
SPX-15585 SPARKFUN-SPX-15585 Datasheet
139Kb / 2P
   Qwiic Button - Blue
8??3??9
SPX-15780 SPARKFUN-SPX-15780 Datasheet
227Kb / 2P
   Qwiic Iridium 9603N
11??2??9
SPX-16740 SPARKFUN-SPX-16740 Datasheet
239Kb / 3P
   Qwiic Power Switch
7????0
SPX-14764 SPARKFUN-SPX-14764 Datasheet
262Kb / 2P
   Qwiic EEPROM ??512Kbit
12????9
SPX-16184 SPARKFUN-SPX-16184 Datasheet
207Kb / 2P
   Qwiic Keyboard Explorer
8??1??0
SPX-15591 SPARKFUN-SPX-15591 Datasheet
366Kb / 2P
   Qwiic Arcade - Red
8??3??9
SPX-15592 SPARKFUN-SPX-15592 Datasheet
112Kb / 2P
   Qwiic Arcade - Blue
8??3??9
SPX-15804 SPARKFUN-SPX-15804 Datasheet
230Kb / 2P
   Qwiic IR Breakout
12????9
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com