Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ROB-12387 Fiches technique(PDF) 1 Page - SparkFun Electronics

No de pièce ROB-12387
Description  Precision Disc Wheel - 5 (Black, 2 Pack)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPARKFUN [SparkFun Electronics]
Site Internet  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

ROB-12387 Fiches technique(HTML) 1 Page - SparkFun Electronics

  ROB-12387 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Precision Disc Wheel - 5" (Black, 2 Pack)
ROB-12387
images are CC BY-NC-SA 3.0
Description: These black precision disk wheels have an outer diameter of 5”, a width
of 0.23”, and utilize the 0.77” hub pattern. These simple wheels are ideal for any light
robot that needs a basic disc for simple movement, and use a removable rubber ring
for traction.
Actobotics is a robotics building system based around extruded aluminum channels,
gears, precision shafts, and ball bearings. Thanks to the two standardized hole
patterns, nearly all Actobotics components can be intuitively connected together. The
wide range of components makes building complex electromechanical prototypes or
finished projects a reality.
Note: These Precision Disc Wheels are sold in packs of two.
Dimensions:
•OD - 5”
• Width - 0.23”
• Hub Pattern - 0.77”
2/15/2016
https://www.sparkfun.com/products/12387


Numéro de pièce similaire - ROB-12387

FabricantNo de pièceFiches techniqueDescription
logo
SparkFun Electronics
ROB-12381 SPARKFUN-ROB-12381 Datasheet
95Kb / 1P
Precision Disc Wheel - 5 (Clear Orange, 2 Pack)
2/15/2016
ROB-12382 SPARKFUN-ROB-12382 Datasheet
95Kb / 1P
Precision Disc Wheel - 3 (Red, 2 Pack)
2/12/2016
ROB-12383 SPARKFUN-ROB-12383 Datasheet
96Kb / 1P
Aluminum Channel - 1.50
2/12/2016
ROB-12384 SPARKFUN-ROB-12384 Datasheet
91Kb / 1P
Shaft - Solid (Stainless; 1/4D x 12L)
2/11/2016
ROB-12385 SPARKFUN-ROB-12385 Datasheet
93Kb / 1P
Precision Disc Wheel - 6 (Black)
2/15/2016
More results

Description similaire - ROB-12387

FabricantNo de pièceFiches techniqueDescription
logo
SparkFun Electronics
ROB-12134 SPARKFUN-ROB-12134 Datasheet
95Kb / 1P
Precision Disc Wheel - 5 (Blue, 2 Pack)
2/15/2016
ROB-12201 SPARKFUN-ROB-12201 Datasheet
94Kb / 1P
Precision Disc Wheel - 3 (Black, 2 Pack)
2/12/2016
ROB-12376 SPARKFUN-ROB-12376 Datasheet
94Kb / 1P
Precision Disc Wheel - 5 (Clear, 2 Pack)
2/12/2016
ROB-12381 SPARKFUN-ROB-12381 Datasheet
95Kb / 1P
Precision Disc Wheel - 5 (Clear Orange, 2 Pack)
2/15/2016
ROB-12435 SPARKFUN-ROB-12435 Datasheet
94Kb / 1P
Precision Disc Wheel - 5 (Red, 2 Pack)
2/15/2016
ROB-12422 SPARKFUN-ROB-12422 Datasheet
95Kb / 1P
Precision Disc Wheel - 5 (Orange, 2 Pack)
2/15/2016
ROB-12448 SPARKFUN-ROB-12448 Datasheet
93Kb / 1P
Precision Disc Wheel - 5 (Clear Yellow, 2 Pack)
2/15/2016
ROB-12469 SPARKFUN-ROB-12469 Datasheet
95Kb / 1P
Precision Disc Wheel - 5 (Yellow, 2 Pack)
2/12/2016
ROB-12507 SPARKFUN-ROB-12507 Datasheet
95Kb / 1P
Precision Disc Wheel - 5 (White, 2 Pack)
2/12/2016
ROB-12537 SPARKFUN-ROB-12537 Datasheet
97Kb / 1P
Precision Disc Wheel - 2 (Black, 2 Pack)
2/12/2016
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com