Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G474CB Fiches technique(PDF) 114 Page - STMicroelectronics

No de pièce STM32G474CB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474CB Fiches technique(HTML) 114 Page - STMicroelectronics

Back Button STM32G474CB Datasheet HTML 110Page - STMicroelectronics STM32G474CB Datasheet HTML 111Page - STMicroelectronics STM32G474CB Datasheet HTML 112Page - STMicroelectronics STM32G474CB Datasheet HTML 113Page - STMicroelectronics STM32G474CB Datasheet HTML 114Page - STMicroelectronics STM32G474CB Datasheet HTML 115Page - STMicroelectronics STM32G474CB Datasheet HTML 116Page - STMicroelectronics STM32G474CB Datasheet HTML 117Page - STMicroelectronics STM32G474CB Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 236 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
114/236
DS12288 Rev 4
APB2
HRTIM
69.98
65.11
53.68
60.95
µA/MHz
SAI1
2.67
2.48
2.05
2.64
SPI1
1.99
1.86
1.54
2.02
SPI4
1.99
1.86
1.54
2.02
TIM1
10.85
10.13
8.40
9.93
TIM8
10.67
9.96
8.25
9.82
TIM15
4.81
4.48
3.71
4.57
TIM16
3.71
3.45
2.88
3.45
TIM17
3.66
3.41
2.83
3.81
TIM20
10.71
9.99
8.29
10.00
USART1
2.49
2.31
1.91
2.49
SYSCFG/COMP/OPAMP/VREFBUF
1.63
1.52
1.25
0.91
Table 35. Peripheral current consumption (continued)
Bus
Peripheral
Range 1
Boost
mode
Range 1
Normal
mode
Range 2
Low-power
run and
sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More