| Moteur de recherche de fiches techniques de composants électroniques |
|
EDB8164B4PT-1DITF-R Fiches technique(PDF) 120 Page - Micron Technology |
|
|
|||||||||||||||||||||||||||||
EDB8164B4PT-1DITF-R Fiches technique(HTML) 120 Page - Micron Technology |
|
120 / 152 page ![]() Table 82: AC Overshoot/Undershoot Specification Applies for CA[9:0], CS_n, CKE, CK_t, CK_c, DQ, DQS_t, DQS_c, DM Parameter 1066 933 800 667 533 466 400 333 266 200 Unit Maximum peak amplitude provided for over- shoot area 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 V Maximum peak amplitude provided for under- shoot area 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 V Maximum area above VDD1 0.15 0.17 0.20 0.24 0.30 0.35 0.40 0.48 0.60 0.80 V-ns Maximum area below VSS2 0.15 0.17 0.20 0.24 0.30 0.35 0.40 0.48 0.60 0.80 V-ns Notes: 1. VDD stands for VDD2 for CA[9:0], CK_t, CK_c, CS_n, and CKE. VDD stands for VDDQ for DQ, DM, DQS_t, and DQS_c. 2. VSS is for CA[9:0], CK_t, CK_c, CS_n, and CKE. VSS stands for VSSQ for DQ, DM, DQS_t, and DQS_c. Figure 78: Overshoot and Undershoot Definition Overshoot area V DD V SS Undershoot area Maximum amplitude Maximum amplitude Time (ns) Notes: 1. VDD stands for VDD2 for CA[9:0], CK_t, CK_c, CS_n, and CKE. VDD stands for VDDQ for DQ, DM, DQS_t, and DQS_c. 2. VSS is for CA[9:0], CK_t, CK_c, CS_n, and CKE. VSS stands for VSSQ for DQ, DM, DQS_t, and DQS_c. HSUL_12 Driver Output Timing Reference Load The timing reference loads are not intended as a precise representation of any particu- lar system environment or a depiction of the actual load presented by a production test- er. System designers should use IBIS or other simulation tools to correlate the timing reference load to a system environment. Manufacturers correlate to their production test conditions, generally with one or more coaxial transmission lines terminated at the tester electronics. 216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Output Characteristics and Operating Conditions 09005aef85eb530a 216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN 120 Micron Technology, Inc. reserves the right to change products or specifications without notice. © 2014 Micron Technology, Inc. All rights reserved. |