Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EDB8164B4PR-1DITF-R Fiches technique(PDF) 126 Page - Micron Technology

No de pièce EDB8164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRON [Micron Technology]
Site Internet  http://www.micron.com
Logo MICRON - Micron Technology

EDB8164B4PR-1DITF-R Fiches technique(HTML) 126 Page - Micron Technology

Back Button EDB8164B4PR-1DITF-R Datasheet HTML 122Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 123Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 124Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 125Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 126Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 127Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 128Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 129Page - Micron Technology EDB8164B4PR-1DITF-R Datasheet HTML 130Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 152 page
background image
Figure 82: Output Impedance = 240 Ohms, I-V Curves After Calibration
6
4
2
0
–2
–4
–6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Voltage
PD (MAX)
PD (MIN)
PU (MIN)
PU (MAX)
Clock Specification
The specified clock jitter is a random jitter with Gaussian distribution. Input clocks vio-
lating minimum or maximum values may result in device malfunction.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Clock Specification
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
126
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More