| Moteur de recherche de fiches techniques de composants électroniques |
|
DS31256+ Fiches technique(PDF) 148 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS31256+ Fiches technique(HTML) 148 Page - Maxim Integrated Products |
|
148 / 183 page ![]() DS31256 256-Channel, High-Throughput HDLC Controller 148 of 183 Figure 11-1. Bridge Mode Figure 11-2. Bridge Mode with Arbitration Enabled T1 / E1 Framer or Transceiver Local Bus DS31256 Host Processor and Main Memory PCI / Custom Bus T1 / E1 Framer or Transceiver T1 / E1 Framer or Transceiver T1 / E1 Framer or Transceiver T1 / E1 Framer or Transceiver Local Bus DS31256 Host Processor and Main Memory PCI / Custom Bus Local CPU that Handles the Real-Time Tasks Required by the T1 / E1 Interfaces Local RAM & ROM 1. Request Bus Access 2. Bus Access Granted 3. Transaction Occurs 1 2 3 T1 / E1 Framer or Transceiver T1 / E1 Framer or Transceiver T1 / E1 Framer or Transceiver |