Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS31256+ Fiches technique(PDF) 107 Page - Maxim Integrated Products

No de pièce DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Fiches technique(HTML) 107 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 103Page - Maxim Integrated Products DS31256+ Datasheet HTML 104Page - Maxim Integrated Products DS31256+ Datasheet HTML 105Page - Maxim Integrated Products DS31256+ Datasheet HTML 106Page - Maxim Integrated Products DS31256+ Datasheet HTML 107Page - Maxim Integrated Products DS31256+ Datasheet HTML 108Page - Maxim Integrated Products DS31256+ Datasheet HTML 109Page - Maxim Integrated Products DS31256+ Datasheet HTML 110Page - Maxim Integrated Products DS31256+ Datasheet HTML 111Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
107 of 183
Priority Packets
The host has the option to change the order in which packets are transmitted by the DMA. If the host sets
the priority packet (PRI) bit in the pending-queue descriptor to 1, the transmit DMA knows that this
packet is a priority packet and should be transmitted ahead of all standard packets. The rules for packet
transmission are as follows:
1) Priority packets are transmitted as soon as the current standard packet (not packet chain) finishes
transmission.
2) All priority packets are transmitted before any more standard packets are transmitted.
3) Priority packets are ordered on a first come, first served basis.
Figure 9-13 shows an example of a set of priority packets interrupting a set of standard packets. In the
example, the first priority packet chain (shown in column 2) was read by the transmit DMA from the
pending queue while it was transmitting standard packet #1. It waited until standard packet #1 was
complete and then began sending the priority packets. While column 2 was being sent, the priority
packet chains of columns 3 and 4 arrived in the pending queue, so the transmit DMA linked column four
to column three and then waited until all of the priority packets were transmitted before returning to the
standard packet chain in column 1. Note that the packet chain in column 1 was interrupted to transmit the
priority packets. In other words, the transmit DMA did not wait for the complete packet to finish
transmitting, only the current packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More