| Moteur de recherche de fiches techniques de composants électroniques |
|
SCIMX6QP5CVT2AB Fiches technique(PDF) 112 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6QP5CVT2AB Fiches technique(HTML) 112 Page - NXP Semiconductors |
|
112 / 160 page ![]() i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018 112 NXP Semiconductors Electrical Characteristics 4.12.13.3 Receiver Real-Time Data Flow Figure 73. Receiver Real-Time Data Flow READY Signal Timing 4.12.13.4 Synchronized Data Flow Transmission with Wake Figure 74. Synchronized Data Flow Transmission with WAKE 4.12.13.5 Stream Transmission Mode Frame Transfer Figure 75. Stream Transmission Mode Frame Transfer (Synchronized Data Flow) N-bits Frame N-bits Frame First bit of frame t NomBit Last bit of frame First bit of frame Last bit of frame DATA FLAG READY Receiver has detected the start of the Frame Receiver has captured a complete Frame DATA FLAG READY 1. Transmitter has data to transmit 3. First bit received PHY Frame PHY Frame TX state RX state WAKE A A B B C C D D A A 2. Receiver in active start state 4. Received frame stored 5. Transmitter has no more data to transmit 6. Receiver can no longer receive date A: Sleep state(non-operational) B: Wake-up state C: Active state (full operational) D: Disable State(No communication ability) Complete N-bits Frame Complete N-bits Frame DATA FLAG READY Channel Description bits Payload Data Bits |