Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCIMX6QP6CVT2AB Fiches technique(PDF) 109 Page - NXP Semiconductors

No de pièce SCIMX6QP6CVT2AB
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6CVT2AB Fiches technique(HTML) 109 Page - NXP Semiconductors

Back Button SCIMX6QP6CVT2AB Datasheet HTML 105Page - NXP Semiconductors SCIMX6QP6CVT2AB Datasheet HTML 106Page - NXP Semiconductors SCIMX6QP6CVT2AB Datasheet HTML 107Page - NXP Semiconductors SCIMX6QP6CVT2AB Datasheet HTML 108Page - NXP Semiconductors SCIMX6QP6CVT2AB Datasheet HTML 109Page - NXP Semiconductors SCIMX6QP6CVT2AB Datasheet HTML 110Page - NXP Semiconductors SCIMX6QP6CVT2AB Datasheet HTML 111Page - NXP Semiconductors SCIMX6QP6CVT2AB Datasheet HTML 112Page - NXP Semiconductors SCIMX6QP6CVT2AB Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 168 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018
NXP Semiconductors
109
4.12.12.2 D-PHY Signaling Levels
The signal levels are different for differential HS mode and single-ended LP mode. Figure 66 shows both
the HS and LP signal levels on the left and right sides, respectively. The HS signaling levels are below
the LP low-level input threshold such that LP receiver always detects low on HS signals.
Figure 66. D-PHY Signaling Levels
LP Line Receiver DC Specifications
VIL
Input low voltage
—
—
—
550
mV
VIH
Input high voltage
—
920
—
—
mV
VHYST
Input hysteresis
—
25
—
—
mV
Contention Line Receiver DC Specifications
VILF
Input low fault threshold
—
200
—
450
mV
Table 68. Electrical and Timing Information (continued)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
HS Vout
Range
HS Vcm
Range
Max VOD
Min VOD
VCMTX,MIN
VOLHS
VCMTX,MAX
VOHHS
LP VIL
LP
VOL
LP
VIH
VOH,MAX
VOH,MIN
VIH
VIL
LP Threshold
Region
VGNDSH,MA
X
VGNDSH,MIN
GND
LP VOL
HS Differential Signaling
LP Single-ended Signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More