Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCIMX6QP4EVT2AB Fiches technique(PDF) 113 Page - NXP Semiconductors

No de pièce SCIMX6QP4EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP4EVT2AB Fiches technique(HTML) 113 Page - NXP Semiconductors

Back Button SCIMX6QP4EVT2AB Datasheet HTML 109Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 110Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 111Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 112Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 113Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 114Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 115Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 116Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 168 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018
NXP Semiconductors
113
4.12.12.9 Low-Power Receiver Timing
Figure 72. Input Glitch Rejection of Low-Power Receivers
4.12.13 HSI Host Controller Timing Parameters
This section describes the timing parameters of the HSI Host Controller which are compliant with
High-Speed Synchronous Serial Interface (HSI) Physical Layer specification version 1.01.
4.12.13.1 Synchronous Data Flow
Figure 73. Synchronized Data Flow READY Signal Timing (Frame and Stream Transmission)
4.12.13.2 Pipelined Data Flow
Figure 74. Pipelined Data Flow READY Signal Timing (Frame Transmission Mode)
2*TLPX
2*TLPX
TMIN-RX
TMIN-RX
eSPIKE
eSPIKE
Input
Output
VIH
VIL
N-bits Frame
N-bits Frame
First bit of
frame
t
NomBit
Last bit of
frame
First bit of
frame
Last bit of
frame
DATA
FLAG
READY
Receiver has
detected the start
of the Frame
Receiver has captured
and stored a complete
Frame
N-bits Frame
Last bit of
frame
DATA
FLAG
N-bits Frame
First bit of
frame
t
NomBit
Last bit of
frame
First bit of
frame
READY
A Ready can change
B Ready shall not
change to zero
Last bit of
frame
C. Ready can change
D. Ready shall
maintain zero of if
receiver does not
have free space
E.
Ready
can
change
F. Ready
shall
maintain
its value
G. Ready
can change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More