Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCIMX6DP5CVT2AB Fiches technique(PDF) 103 Page - NXP Semiconductors

No de pièce SCIMX6DP5CVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP5CVT2AB Fiches technique(HTML) 103 Page - NXP Semiconductors

Back Button SCIMX6DP5CVT2AB Datasheet HTML 99Page - NXP Semiconductors SCIMX6DP5CVT2AB Datasheet HTML 100Page - NXP Semiconductors SCIMX6DP5CVT2AB Datasheet HTML 101Page - NXP Semiconductors SCIMX6DP5CVT2AB Datasheet HTML 102Page - NXP Semiconductors SCIMX6DP5CVT2AB Datasheet HTML 103Page - NXP Semiconductors SCIMX6DP5CVT2AB Datasheet HTML 104Page - NXP Semiconductors SCIMX6DP5CVT2AB Datasheet HTML 105Page - NXP Semiconductors SCIMX6DP5CVT2AB Datasheet HTML 106Page - NXP Semiconductors SCIMX6DP5CVT2AB Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
103
Figure 63. TFT Panels Timing Diagram—Horizontal Sync Pulse
Figure 64 depicts the vertical timing (timing of one frame). All parameters shown in the figure are
programmable.
Figure 64. TFT Panels Timing Diagram—Vertical Sync Pulse
DI clock
VSYNC
HSYNC
DRDY
D0
D1
IP5o
IP13o
IP9o
IP8o
IP8
IP9
Dn
IP10
IP7
IP5
IP6
IPP_DISP_CLK
IPP
_DATA
IP14
VSYNC
HSYNC
DRDY
Start of frame
End of frame
IP12
IP15
IP13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More