Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCIMX6DP6CYM2AB Fiches technique(PDF) 142 Page - NXP Semiconductors

No de pièce MCIMX6DP6CYM2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX6DP6CYM2AB Fiches technique(HTML) 142 Page - NXP Semiconductors

Back Button MCIMX6DP6CYM2AB Datasheet HTML 138Page - NXP Semiconductors MCIMX6DP6CYM2AB Datasheet HTML 139Page - NXP Semiconductors MCIMX6DP6CYM2AB Datasheet HTML 140Page - NXP Semiconductors MCIMX6DP6CYM2AB Datasheet HTML 141Page - NXP Semiconductors MCIMX6DP6CYM2AB Datasheet HTML 142Page - NXP Semiconductors MCIMX6DP6CYM2AB Datasheet HTML 143Page - NXP Semiconductors MCIMX6DP6CYM2AB Datasheet HTML 144Page - NXP Semiconductors MCIMX6DP6CYM2AB Datasheet HTML 145Page - NXP Semiconductors MCIMX6DP6CYM2AB Datasheet HTML 146Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
142
NXP Semiconductors
Package Information and Contact Assignments
6.2.1.1
21 x 21 mm Lidded Package
Figure 100 and Figure 101 show the top, bottom, and side views of the 21
× 21 mm lidded package.
Figure 100. 21 x 21 mm Lidded Package Top, Bottom, and Side Views (Sheet 1 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More