Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCIMX6DP5EYM2AB Fiches technique(PDF) 133 Page - NXP Semiconductors

No de pièce PCIMX6DP5EYM2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCIMX6DP5EYM2AB Fiches technique(HTML) 133 Page - NXP Semiconductors

Back Button PCIMX6DP5EYM2AB Datasheet HTML 129Page - NXP Semiconductors PCIMX6DP5EYM2AB Datasheet HTML 130Page - NXP Semiconductors PCIMX6DP5EYM2AB Datasheet HTML 131Page - NXP Semiconductors PCIMX6DP5EYM2AB Datasheet HTML 132Page - NXP Semiconductors PCIMX6DP5EYM2AB Datasheet HTML 133Page - NXP Semiconductors PCIMX6DP5EYM2AB Datasheet HTML 134Page - NXP Semiconductors PCIMX6DP5EYM2AB Datasheet HTML 135Page - NXP Semiconductors PCIMX6DP5EYM2AB Datasheet HTML 136Page - NXP Semiconductors PCIMX6DP5EYM2AB Datasheet HTML 137Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
133
4.12.21 UART I/O Configuration and Timing Parameters
4.12.21.1 UART RS-232 I/O Configuration in Different Modes
The i.MX 6DualPlus/6QuadPlus UART interfaces can serve both as DTE or DCE device. This can be
configured by the DCEDTE control bit (default 0 – DCE mode). Table 86 shows the UART I/O
configuration based on the enabled mode.
Table 86. UART I/O Configuration vs. Mode
Port
DTE Mode
DCE Mode
Direction
Description
Direction
Description
UARTx_RTS_B
Output
RTS from DTE to DCE
Input
RTS from DTE to DCE
UARTx_CTS_B
Input
CTS from DCE to DTE
Output
CTS from DCE to DTE
UARTx_DTR_B
Output
DTR from DTE to DCE
Input
DTR from DTE to DCE
UARTx_DSR_B
Input
DSR from DCE to DTE
Output
DSR from DCE to DTE
UARTx_DCD_B
Input
DCD from DCE to DTE
Output
DCD from DCE to DTE
UARTx_RI_B
Input
RING from DCE to DTE
Output
RING from DCE to DTE
UARTx_TX_DATA
Input
Serial data from DCE to DTE
Output
Serial data from DCE to DTE
UARTx_RX_DATA
Output
Serial data from DTE to DCE
Input
Serial data from DTE to DCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More