Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K3878 Fiches technique(PDF) 5 Page - Thinki Semiconductor Co., Ltd.

No de pièce K3878
Description  THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

K3878 Fiches technique(HTML) 5 Page - Thinki Semiconductor Co., Ltd.

  K3878 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. K3878 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. K3878 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. K3878 Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. K3878 Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. K3878 Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
http://www.thinkisemi.com.tw/
Page 5/6
Rev.11T
© 1995 Thinki Semiconductor Co., Ltd.
10
μ
100
μ
1 m
10 m
100 m
1
10
0.001
0.01
0.1
1
10
T
PDM
t
Duty
= t/T
Rth (ch-c) = 0.833°C/W
SINGLE PULSE
Duty
= 0.5
0.2
0.1
0.05
0.02
0.01
rth − tw
PULSE WIDTH tw (s)
−15 V
15 V
TEST CIRCUIT
WAVEFORM
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 90 V, L = 17.6 mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
SAFE OPERATING AREA
DRAIN
−SOURCE VOLTAGE VDS (V)
1
100
10
100
10000
VDSS max
10
0.1
DC OPERATION
Tc
= 25°C
1 ms *
ID max (CONTINUOUS)
ID max (PULSE) *
0.01
100 μs *
1
1000
EAS – Tch
CHANNEL TEMPERATURE (INITIAL) Tch (°C)
0
25
200
400
600
1000
800
50
75
100
125
150
* SINGLE NONPETITIVE PULSE
Tc
= 25°C
Curves must be derated linearly with
increase in temperature.
K3878


Numéro de pièce similaire - K3878

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Yixinwei Techn...
K38 YIXIN-K38 Datasheet
183Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
K38 SAMYANG-K38 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifier
logo
Goodwork Semiconductor ...
K38 GWSEMI-K38 Datasheet
209Kb / 2P
   Surface Mounted Schottky Barrier Rectifiers
logo
VBsemi Electronics Co.,...
K3814 VBSEMI-K3814 Datasheet
977Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
   9615 SW Allen Blvd 103 Beaverton OR 97005
More results

Description similaire - K3878

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
2SK3878 THINKISEMI-2SK3878 Datasheet
1Mb / 6P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
TSA9N90M THINKISEMI-TSA9N90M Datasheet
1Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
HFA9N90 THINKISEMI-HFA9N90 Datasheet
3Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
SLW9N90CZ THINKISEMI-SLW9N90CZ Datasheet
5Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
SLW9N90C THINKISEMI-SLW9N90C Datasheet
3Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
HFA9N90Z THINKISEMI-HFA9N90Z Datasheet
4Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
FQP9N90C THINKISEMI-FQP9N90C Datasheet
1Mb / 8P
   ThinkiSemi 8.0A,900V Planar N-Channel Power MOSFETs
SVF9N90T THINKISEMI-SVF9N90T Datasheet
1Mb / 8P
   ThinkiSemi 8.0A,900V Planar N-Channel Power MOSFETs
FQA9N90C THINKISEMI-FQA9N90C Datasheet
2Mb / 7P
   ThinkiSemi 9.0A,900V Planar N-Channel Power MOSFETs
2SK2837 THINKISEMI-2SK2837 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com