Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K3878 Fiches technique(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

No de pièce K3878
Description  THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

K3878 Fiches technique(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  K3878 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. K3878 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. K3878 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. K3878 Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. K3878 Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. K3878 Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.thinkisemi.com.tw/
Page 2/6
Rev.11T
© 1995 Thinki Semiconductor Co., Ltd.
Electrical Characteristics (Ta
= 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±30 V, VDS = 0 V
±10
μA
Gate-source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cutoff current
IDSS
VDS = 720 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
900
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 4 A
1.0
1.3
Ω
Forward transfer admittance
⎪Yfs
VDS = 15 V, ID = 4 A
3.5
7.0
S
Input capacitance
Ciss
2200
Reverse transfer capacitance
Crss
45
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
190
pF
Rise time
tr
25
Turn-on time
ton
65
Fall time
tf
20
Switching time
Turn-off time
toff
120
ns
Total gate charge
(gate-source plus gate-drain)
Qg
60
Gate-source charge
Qgs
34
Gate-drain (“Miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 9 A
26
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
9
A
Pulse drain reverse current
(Note 1)
IDRP
27
A
Forward voltage (diode)
VDSF
IDR = 9 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
1.4
μs
Reverse recovery charge
Qrr
IDR = 9 A, VGS = 0 V,
dIDR/dt = 100 A/μs
16
μC
Duty
≤ 1%, tw = 10 μs
0 V
10 V
VGS
RL = 100 Ω
VDD ≈ 400 V
ID = 4 A
VOUT
Note 1: Ensure that the channel temperature does not exceed 150°C
during use of the device.
Note 2: VDD = 90 V, Tch = 25°C, L = 17.6 mH, RG = 25 Ω, IAR = 9 A
Note 3: Repetitive rating: pulse width limited by max junction temperature
This transistor is an electrostatic-sensitive device. Handle with care.
K3878


Numéro de pièce similaire - K3878

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Yixinwei Techn...
K38 YIXIN-K38 Datasheet
183Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
K38 SAMYANG-K38 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifier
logo
Goodwork Semiconductor ...
K38 GWSEMI-K38 Datasheet
209Kb / 2P
   Surface Mounted Schottky Barrier Rectifiers
logo
VBsemi Electronics Co.,...
K3814 VBSEMI-K3814 Datasheet
977Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
   9615 SW Allen Blvd 103 Beaverton OR 97005
More results

Description similaire - K3878

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
2SK3878 THINKISEMI-2SK3878 Datasheet
1Mb / 6P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
TSA9N90M THINKISEMI-TSA9N90M Datasheet
1Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
HFA9N90 THINKISEMI-HFA9N90 Datasheet
3Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
SLW9N90CZ THINKISEMI-SLW9N90CZ Datasheet
5Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
SLW9N90C THINKISEMI-SLW9N90C Datasheet
3Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
HFA9N90Z THINKISEMI-HFA9N90Z Datasheet
4Mb / 7P
   THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
FQP9N90C THINKISEMI-FQP9N90C Datasheet
1Mb / 8P
   ThinkiSemi 8.0A,900V Planar N-Channel Power MOSFETs
SVF9N90T THINKISEMI-SVF9N90T Datasheet
1Mb / 8P
   ThinkiSemi 8.0A,900V Planar N-Channel Power MOSFETs
FQA9N90C THINKISEMI-FQA9N90C Datasheet
2Mb / 7P
   ThinkiSemi 9.0A,900V Planar N-Channel Power MOSFETs
2SK2837 THINKISEMI-2SK2837 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com