Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIMXRT516SCVP2A Fiches technique(PDF) 126 Page - NXP Semiconductors

No de pièce PIMXRT516SCVP2A
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVP2A Fiches technique(HTML) 126 Page - NXP Semiconductors

Back Button PIMXRT516SCVP2A Datasheet HTML 120Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 121Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 122Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 123Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 124Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 125Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 126Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 127Page - NXP Semiconductors PIMXRT516SCVP2A Datasheet HTML 128Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 126 / 128 page
background image
Applications”), then customer makes the ultimate design decisions regarding its products and is solely responsible
for compliance with all legal, regulatory, safety, and security related requirements concerning its products, regardless
of any information or support that may be provided by NXP. As such, customer assumes all risk related to use of
any products in Critical Applications and NXP and its suppliers shall not be liable for any such use by customer.
Accordingly, customer will indemnify and hold NXP harmless from any claims, liabilities, damages and associated
costs and expenses (including attorneys’ fees) that NXP may incur related to customer’s incorporation of any product
in a Critical Application.
Non-automotive products for restricted use in automotive onlySuitability for use in automotive applications — The use
of this NXP Semiconductors product is restricted to automotive applications only. It has not been fully qualified for use
in automotive applications. The customer of this NXP Semiconductors product therefore understands and accepts that:
• The Customer shall only use this NXP Semiconductors product for automotive applications.
• This product was not originally designed for automotive use. It will therefore, not be possible to achieve the levels
of quality and failure analysis that are normally associated with products explicitly designed for automotive use.
• With respect to test-coverage, this product is not fully compliant to AEC-Q100.
• All product manufacturing locations are certified according to ISO/TS16949.
• Unless otherwise agreed in writing, the product is not designed, authorized or warranted to be suitable for use in
life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of
an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property
or environmental damage. NXP Semiconductors and its suppliers accept no liability for inclusion and/or use of
NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at
the customer's own risk.
Applications — Applications that are described herein for any of these products are for illustrative purposes only.
NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use
without further testing or modification.
Customers are responsible for the design and operation of their applications and products using NXP Semiconductors
products, and NXP Semiconductors accepts no liability for any assistance with applications or customer product
design. It is customer’s sole responsibility to determine whether the NXP Semiconductors product is suitable and fit
for the customer’s applications and products planned, as well as for the planned application and use of customer’s
third party customer(s). Customers should provide appropriate design and operating safeguards to minimize the risks
associated with their applications and products.
NXP Semiconductors does not accept any liability related to any default, damage, costs or problem which is based on
any weakness or default in the customer’s applications or products, or the application or use by customer’s third party
customer(s). Customer is responsible for doing all necessary testing for the customer’s applications and products using
NXP Semiconductors products in order to avoid a default of the applications and the products or of the application or
use by customer’s third party customer(s). NXP does not accept any liability in this respect.
Limiting values — Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of
IEC 60134) will cause permanent damage to the device. Limiting values are stress ratings only and (proper) operation
of the device at these or any other conditions above those given in the Recommended operating conditions section (if
present) or the Characteristics sections of this document is not warranted. Constant or repeated exposure to limiting
values will permanently and irreversibly affect the quality and reliability of the device.
Terms and conditions of commerical sale — NXP Semiconductors products are sold subject to the general terms
and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, unless otherwise agreed in a
valid written individual agreement. In case an individual agreement is concluded only the terms and conditions of the
respective agreement shall apply. NXP Semiconductors hereby expressly objects to applying the customer’s general
terms and conditions with regard to the purchase of NXP Semiconductors products by customer.
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More