Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIMXRT516SCVJ2A Fiches technique(PDF) 110 Page - NXP Semiconductors

No de pièce PIMXRT516SCVJ2A
Description  i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVJ2A Fiches technique(HTML) 110 Page - NXP Semiconductors

Back Button PIMXRT516SCVJ2A Datasheet HTML 106Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 107Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 108Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 109Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 110Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 111Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 112Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 113Page - NXP Semiconductors PIMXRT516SCVJ2A Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 128 page
background image
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products, Rev. 1, 05/2021
110
NXP Semiconductors
Package information and contact assignments
6.1.2
14 x 14 mm supplies contact assignments and functional contact
assignments
Table 112 shows the device connection list for ground, sense, and reference contact signals.
Table 112. 14 x 14 mm supplies contact assignment
Supply Rail Name
Ball(s) Position(s)
Remark
ADC_VREFH
G16
—
DAC_OUT
H16
—
DCDC_ANA
M7, M8
—
DCDC_ANA_SENSE
M6
—
DCDC_DIG
K8, K9, L8
—
DCDC_DIG_SENSE
L7
—
DCDC_GND
K6, K7, L6
—
DCDC_IN
M5, N5
—
DCDC_IN_Q
L5
—
DCDC_LN
T4, U4
—
DCDC_LP
T3, U3
—
DCDC_MODE
N4
—
DCDC_PSWITCH
P3
—
NVCC_DISP1
D12
—
NVCC_DISP2
E7
—
NVCC_EMC1
F6, F7, G6
—
NVCC_EMC2
H6, J6
—
NVCC_GPIO
M12
—
NVCC_LPSR
P7
—
NVCC_SNVS
U11
—
NVCC_SD1
D14
—
NVCC_SD2
G13
—
VDD_LPSR_ANA
P12
—
VDD_LPSR_DIG
P11
—
VDD_LPSR_IN
R12
—
VDD_MIPI_1P0
F10
—
VDD_MIPI_1P8
F9
—
VDD_USB_1P8
H12
—
VDD_USB_3P3
G12
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More